Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5461RGFTQ1 Datasheet (PDF) - Texas Instruments

TUSB5461RGFTQ1 Datasheet PDF - Texas Instruments
Part # TUSB5461RGFTQ1
Download  TUSB5461RGFTQ1 Download
File Size   2582.23 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB5461-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 8.1Gbps Linear Redriver Crosspoint Switch

TUSB5461RGFTQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB5461RGFTQ1 Datasheet PDF - Texas Instruments

Part # TUSB5461RGFTQ1
Download  TUSB5461RGFTQ1 Click to download

File Size   2582.23 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB5461-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 8.1Gbps Linear Redriver Crosspoint Switch

TUSB5461RGFTQ1 Datasheet (HTML) - Texas Instruments


TUSB5461RGFTQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature: –40°C to 105°C, TA
• USB Type-C® crosspoint switch supporting
– USB 3.2 + 2 DisplayPort™ Lanes
– 4 DisplayPort™ Lanes
• USB 3.2 x1 up to 5Gbps
• VESA® DisplayPort™ 2.1 up to 8.1Gbps
• Supports D_DFP pin assignments C, D, and E
• Choice between adaptive or fixed equalization for
USB DFP receivers.
• Linear and limited redriver supported on UFP
transmitter
• Limited redriver option offers both TX voltage
swing and TX equalization control
– 4 levels of TX voltage swing from 800mVpp up
to 1100mVpp
– TX pre-shoot and de-emphasis
• Ultra-low-power architecture
• Up to 12dB equalization at 2.5GHz
• Transparent to DisplayPort™ link training
• Configuration through GPIO or I2C
• Hot-plug capable
• 5mm × 7mm, 0.5mm pitch VQFN package

2 Applications
• Rear seat entertainment
• Automotive head unit
• Automotive infotainment and cluster

3 Description
The TUSB5461-Q1 is a VESA® DisplayPort™ Alt
Mode over USB Type-C® redriving switch that
supports USB 3.2 data rates up to 5Gbps and
DisplayPort™ 2.1 up to 8.1Gbps for downstream
facing port (host). The device is used for
configurations C, D, and E from the VESA®
DisplayPort™ Alt Mode over USB Type-C® standard.
This protocol-agnostic linear redriver is also capable
of supporting other USB Type-C® Alt Mode interfaces
such as HDMI® Alt Mode.
The TUSB5461-Q1 also incorporates an adaptive
receiver equalization (AEQ) feature that can
automatically find the best ISI compensation setting
between the USB device and the TUSB5461-Q1.
The AEQ finds the best setting to help improve the
interoperability between a USB host and USB device.
The TUSB5461-Q1 operates on a single 3.3V supply
and comes in an Automotive Grade 2 temperature
range.




Similar Part No. - TUSB5461RGFTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB5461-Q1 TI-TUSB5461-Q1 Datasheet
2Mb / 64P
TUSB5461-Q1 USB Type-C® DisplayPort™ Alt Mode Source 8.1Gbps Linear Redriver Crosspoint Switch
NOVEMBER 2024
More results


Similar Description - TUSB5461RGFTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com