Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP-240 Datasheet (PDF) - Astrodyne Corporation

DRP-240 Datasheet PDF - Astrodyne Corporation
Part # DRP-240
Download  DRP-240 Download
File Size   322.41 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 240W Single Output Industrial DIN RAIL Power Supply

DRP-240 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRP-240 Datasheet PDF - Astrodyne Corporation

Part # DRP-240
Download  DRP-240 Click to download

File Size   322.41 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 240W Single Output Industrial DIN RAIL Power Supply

DRP-240 Datasheet (HTML) - Astrodyne Corporation


DRP-240 Product details

Features :

Universal AC input / Full range

Built in active PFC function

Protections: Short circuit / Overload / Over voltage / Over temperature

Cooling by free air convection

Can be installed on DIN rail TS-35/7.5 or 15

UL 508(industrial control equipment)approved

LED indicator for power on

100% full load burn-in test

Fixed switching frequency at 100KHz

 




Similar Part No. - DRP-240

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240 Datasheet
122Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
More results


Similar Description - DRP-240

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240 Datasheet
122Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Altech corporation
PSP240 ALTECH-PSP240_1 Datasheet
101Kb / 2P
240W Single Phase Industrial DIN Rail Power Supply
PS-C240 ALTECH-PS-C240 Datasheet
773Kb / 2P
240W Single Output Industrial DIN Rail Power Supply with PFC Function
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240_10 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
WDR-240 MEANWELL-WDR-240 Datasheet
544Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
WDR-240_1111 MEANWELL-WDR-240_1111 Datasheet
545Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_11 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
WDR-240 TOTAL-POWER-WDR-240 Datasheet
636Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
DIN Rail Power Supply ??Industrial ??240W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com