Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS027K Datasheet (PDF) - Balluff Korea Ltd.

BOS027K Datasheet PDF - Balluff Korea Ltd.
Part # BOS027K
Download  BOS027K Download
File Size   103.74 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-PU-RE10-PU-03

BOS027K Datasheet (PDF)

Go To PDF Page Download Datasheet
BOS027K Datasheet PDF - Balluff Korea Ltd.

Part # BOS027K
Download  BOS027K Click to download

File Size   103.74 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOS 6K-PU-RE10-PU-03

BOS027K Datasheet (HTML) - Balluff Korea Ltd.


BOS027K Product details

Basic features
Approval/Conformity cULus
CE
Ecolab
WEEE
Basic standard IEC 60947-5-2
Principle of operation Photoelectric sensor
Reference emitter BOS 6K-..-RS10-..
Series 6K
Style Square
Connection 90°




Similar Part No. - BOS027K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0270 BALLUFF-BOS0270 Datasheet
123Kb / 3P
Photoelectric Sensors
BOS0271 BALLUFF-BOS0271 Datasheet
125Kb / 3P
Photoelectric Sensors
BOS027J BALLUFF-BOS027J Datasheet
102Kb / 2P
BOS 6K-XT-RS10-PU-03
2025-03-27
BOS027M BALLUFF-BOS027M Datasheet
126Kb / 3P
Photoelectric Sensors
2024-09-02
BOS027R BALLUFF-BOS027R Datasheet
125Kb / 3P
Photoelectric Sensors
2024-09-02
More results


Similar Description - BOS027K

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4PR60C CPI-4PR60C Datasheet
97Kb / 1P
Switch Tube or PU lse Modulator
logo
Beijing Yaohuadechang E...
PU3013B YHDC-PU3013B Datasheet
1Mb / 1P
PU series flat type isolation transformer
PU3018BH YHDC-PU3018BH Datasheet
6Mb / 1P
PU series flat type isolation transformer
PU3026B YHDC-PU3026B Datasheet
1Mb / 1P
PU series flat type isolation transformer
PU3910B YHDC-PU3910B Datasheet
4Mb / 1P
PU series flat type isolation transformer
PU3914B YHDC-PU3914B Datasheet
5Mb / 1P
PU series flat type isolation transformer
PU3914BW YHDC-PU3914BW Datasheet
5Mb / 1P
PU series flat type isolation transformer
PU4830B YHDC-PU4830B Datasheet
617Kb / 1P
PU series flat type isolation transformer
PU4820B YHDC-PU4820B Datasheet
1Mb / 1P
PU series flat type isolation transformer
logo
HARTING Technology Grou...
09-20-000-9995 HARTING-09-20-000-9995 Datasheet
447Kb / 1P
Screw teethed M3x6 (PU 100pcs)
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com