Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33CK1024MP410 Datasheet (PDF) - Microchip Technology

DSPIC33CK1024MP410 Datasheet PDF - Microchip Technology
Part # DSPIC33CK1024MP410
Download  DSPIC33CK1024MP410 Download
File Size   23060.81 Kbytes
Page   1127 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data-Rate (CAN FD)

DSPIC33CK1024MP410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSPIC33CK1024MP410 Datasheet PDF - Microchip Technology

Part # DSPIC33CK1024MP410
Download  DSPIC33CK1024MP410 Click to download

File Size   23060.81 Kbytes
Page   1127 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data-Rate (CAN FD)

DSPIC33CK1024MP410 Datasheet (HTML) - Microchip Technology


DSPIC33CK1024MP410 Product details

Advanced Analog Features
• Five ADC Modules:
– 12-bit, 3.5 Msps ADC
– Up to 27 conversion channels
– 250 ns conversion latency
• Six DAC/Analog Comparator Modules:
– 12-bit DACs with hardware slope compensation
– 15 ns analog comparators
• Shared DAC/Analog Output:
– DAC/analog comparator outputs
• Three Op Amp Modules – 20 MHz GBW:
– 40 V/s Slew Rate
– ±1 mV offset

Peripheral Features
• Three Quadrature Encoder Interfaces (QEIs):
– Four inputs: Phase A, Phase B, Home, Index
• Eight Configurable Logic Cells (CLCs) with Internal Connections to Select Peripherals and PPS
• Two Current Bias Generators (CBGs)

Safety Features
• DMT (Deadman Timer)
• ECC (Error Correcting Code) for Flash Memory
• WDT (Watchdog Timer)
• CodeGuard™ Security
• CRC (Cyclic Redundancy Check)
• Flash OTP by ICSP™ Write Inhibit
• RAM Memory Built-In Self Test (MBIST)
• Two-Speed Start-up
• Fail-Safe Clock Monitoring (FSCM)
• Backup FRC (BFRC)
• Capless Internal Voltage Regulator
• Virtual Pins for Redundancy and Monitoring




Similar Part No. - DSPIC33CK1024MP410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33CK128MC102 MICROCHIP-DSPIC33CK128MC102 Datasheet
18Mb / 984P
16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)
Revision B
DSPIC33CK128MC103 MICROCHIP-DSPIC33CK128MC103 Datasheet
18Mb / 984P
16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)
Revision B
DSPIC33CK128MC105 MICROCHIP-DSPIC33CK128MC105 Datasheet
18Mb / 984P
16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)
Revision B
DSPIC33CK128MC106 MICROCHIP-DSPIC33CK128MC106 Datasheet
18Mb / 984P
16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)
Revision B
DSPIC33CK128MC502 MICROCHIP-DSPIC33CK128MC502 Datasheet
18Mb / 984P
16-Bit Digital Signal Controllers with High-Speed PWM and CAN Flexible Data-Rate (CAN FD)
Revision B
More results


Similar Description - DSPIC33CK1024MP410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
High-Performance Digital Signal Controllers
2004
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
NCV7351 ONSEMI-NCV7351_3 Datasheet
115Kb / 13P
High Speed CAN, CAN FD Transceiver
June, 2016 ??Rev. 3
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
DSPIC33CH128MP508 MICROCHIP-DSPIC33CH128MP508 Datasheet
7Mb / 822P
28/36/48/64/80-Pin Dual Core, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
05/14/19
DSPIC33CH512MP508 MICROCHIP-DSPIC33CH512MP508 Datasheet
7Mb / 814P
48/64/80-Pin Dual Core, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data-Rate (CAN FD)
05/14/19
DSPIC33CK256MP508 MICROCHIP-DSPIC33CK256MP508 Datasheet
5Mb / 640P
28/36/48/64/80-Pin, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data (CAN FD)
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com