Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3912B Datasheet (PDF) - Microchip Technology

MCP3912B Datasheet PDF - Microchip Technology
Part # MCP3912B
Download  MCP3912B Download
File Size   6691.93 Kbytes
Page   83 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Four-Channel Analog Front End

MCP3912B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3912B Datasheet PDF - Microchip Technology

Part # MCP3912B
Download  MCP3912B Click to download

File Size   6691.93 Kbytes
Page   83 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Four-Channel Analog Front End

MCP3912B Datasheet (HTML) - Microchip Technology


MCP3912B Product details

Features
• Four Synchronous Sampling 24-Bit Resolution
Delta-Sigma A/D Converters
• 93.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th Harmonic), 112 dBFS
SFDR for Each Channel
• Enables 0.1% Typical Active Power Measurement
Error Over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-Bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-Bit CRC Checksum and Interrupt Alert for
Register Map Configuration
- Register Map Lock with 8-Bit Secure Key
• 2.7V - 3.6V AVDD, DVDD
• Programmable Data Rate Up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio Up to 4096
• Ultra-Low Power Shutdown Mode with < 10 μA
• -122 dB Crosstalk Between Channels
• Low Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High-Gain PGA on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 μs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-Bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication Time with Dedicated
16/32-Bit Modes
• Available in 28-Lead QFN and 28-Lead SSOP
Packages
• Extended Temperature Range: -40°C to +125°C

Description
The MCP3912B is a 3V four-channel Analog Front End
(AFE) containing four synchronous sampling Delta-
Sigma Analog-to-Digital Converters (ADC), four PGAs,
phase delay compensation block, low-drift internal voltage
reference, Digital Offset and Gain Error Calibration
registers and high-speed 20 MHz SPI-compatible serial
interface.
The MCP3912B ADCs are fully configurable, with
features, such as 16/24-bit resolution, Oversampling
Ratio (OSR) from 32 to 4096, gain from 1x to 32x,
independent shutdown and Reset, dithering and autozeroing.
The communication is largely simplified with
8-bit commands, including various continuous Read/
Write modes and 16/24/32-bit data formats that can be
accessed by the Direct Memory Access (DMA) of an
8, 16 or 32-bit MCU. A separate Data Ready pin is also
included that can be directly connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3912B includes advanced security features to
secure the communications and the configuration settings,
such as a CRC-16 checksum on both serial data
outputs and static register map configuration. It also
includes a register map lock through an 8-bit secure key
to stop unwanted WRITE commands from processing.
The MCP3912B is capable of interfacing with a variety
of voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall effect sensors.

Applications
• Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition




Similar Part No. - MCP3912B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3912A1-E/MQ MICROCHIP-MCP3912A1-E/MQ Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3912A1-E/SS MICROCHIP-MCP3912A1-E/SS Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3912A1T-E/MQ MICROCHIP-MCP3912A1T-E/MQ Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3912A1T-E/SS MICROCHIP-MCP3912A1T-E/SS Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
More results


Similar Description - MCP3912B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
3V Single-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
3V Eight-Channel Analog Front End
11/29/12
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com