Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH2120 Datasheet (PDF) - Microchip Technology

MTCH2120 Datasheet PDF - Microchip Technology
Part # MTCH2120
Download  MTCH2120 Download
File Size   2823.41 Kbytes
Page   97 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Twelve-Channel Capacitive Touch Controller

MTCH2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTCH2120 Datasheet PDF - Microchip Technology

Part # MTCH2120
Download  MTCH2120 Click to download

File Size   2823.41 Kbytes
Page   97 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Twelve-Channel Capacitive Touch Controller

MTCH2120 Datasheet (HTML) - Microchip Technology


MTCH2120 Product details

Features
• Capacitive Touch Sensing
• High Signal Noise Ratio (SNR)
• Configurable via I2C Bus
• Adjustable Sensitivity
• Multi-Stage Active Noise Suppression Filters
• Automatic Environmental Compensation
• Water Tolerant Touch
• EasyTune
• Low power with the option to combine sensors (lump mode)
• Configurable GPIO as an optional host interface
• Support a wide range of Sensor Shapes and Sizes
• Interrupt pin for Touch Status change
• Option to Disable or Suspend Sensor
• Option to save configuration
• Brown-Out Protection
• Operating Voltage Range:
– 3 to 5V
• Operating Temperature:
– -40°C to +105°C




Similar Part No. - MTCH2120

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTCH MMD-MTCH Datasheet
437Kb / 2P
11.7 x 9.6 SMD Package
MTCH MMD-MTCH Datasheet
145Kb / 2P
MTCH, MTCS, & MTCZ SERIES TCXO
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101 Datasheet
1,002Kb / 37P
2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
07/14/15
MTCH101 MICROCHIP-MTCH101 Datasheet
511Kb / 20P
Single-Channel Proximity Detector
11/29/12
MTCH101 MICROCHIP-MTCH101 Datasheet
538Kb / 22P
Single-Channel Proximity Detector
2012 10/26/12
More results


Similar Description - MTCH2120

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
Capacitive Touch Pad Controller
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
8-channel capacitive touch key controller
06-Apr-2009
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS213 ETC2-IQS213 Datasheet
1Mb / 46P
3-Channel Capacitive Touch/Swipe Function Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com