Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-200 Datasheet (PDF) - Astrodyne Corporation

MPS-200 Datasheet PDF - Astrodyne Corporation
Part # MPS-200
Download  MPS-200 Download
File Size   439.68 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 200W 1~4 Output for Medical Type

MPS-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-200 Datasheet PDF - Astrodyne Corporation

Part # MPS-200
Download  MPS-200 Click to download

File Size   439.68 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 200W 1~4 Output for Medical Type

MPS-200 Datasheet (HTML) - Astrodyne Corporation


MPS-200 Product details

Features
● Universal AC input / Full range
● Low leakage current <180 A
● Protections: Short circuit / Overload / Over voltage / Over temperature
● Free air convection for 140W and forced air convection for 200W
● UL60601-1 medical safety approved
● With power good and fail signal output
● Built-in remote ON-OFF control
● Fixed switching frequency at 100KHz
● Built-in remote sense function
● 3 years warranty




Similar Part No. - MPS-200

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPS-200 MEANWELL-MPS-200 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
323Kb / 4P
1~4 Output Medical Type
logo
MicroPower Direct, LLC
MPS-200-12 MPD-MPS-200-12 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
325Kb / 4P
1~4 Output Medical Type
More results


Similar Description - MPS-200

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-120 ASTRODYNE-MPS-120 Datasheet
390Kb / 3P
120W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
1~4 Output Medical Type
MSP-200 MEANWELL-MSP-200 Datasheet
153Kb / 3P
200W Single Output Medical Type
MSP-200-24 MEANWELL-MSP-200-24 Datasheet
164Kb / 4P
200W Single Output Medical Type
logo
Astrodyne Corporation
MPS200 ASTRODYNE-MPS200 Datasheet
484Kb / 7P
200W 1~4 Output for Medical Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com