Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD-65A Datasheet (PDF) - Astrodyne Corporation

MPD-65A Datasheet PDF - Astrodyne Corporation
Part # MPD-65A
Download  MPD-65A Download
File Size   1133.72 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 65W Single Output for Medical Type

MPD-65A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPD-65A Datasheet PDF - Astrodyne Corporation

Part # MPD-65A
Download  MPD-65A Click to download

File Size   1133.72 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 65W Single Output for Medical Type

MPD-65A Datasheet (HTML) - Astrodyne Corporation


MPD-65A Product details

Features :
• Universal AC input / Full range
• Low leakage current ≤ 0.3mA
• Protections:Short circuit/Over load/Over voltage
• Cooling by free air convection
• 100% full load burn-in test
• Fixed switching frequency at 45KHz
• 3 years warranty
   




Similar Part No. - MPD-65A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPD-65A MEANWELL-MPD-65A Datasheet
335Kb / 2P
65W Dual Output Medical Type
logo
MicroPower Direct, LLC
MPD-65A MPD-MPD-65A Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPD-65A MEANWELL-MPD-65A Datasheet
338Kb / 2P
65W Dual Output Medical Type
MPD-65A MEANWELL-MPD-65A Datasheet
354Kb / 2P
65W Dual Output Medical Type
More results


Similar Description - MPD-65A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
65W Single Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
65W Dual Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
65W Single Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
65W Triple Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
65W Triple Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
65W Single Output Medical Type
logo
Astrodyne Corporation
MPS65 ASTRODYNE-MPS65 Datasheet
348Kb / 4P
65W Single Output for Medical Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com