Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L050 Datasheet (PDF) - Littelfuse

2016L050 Datasheet PDF - Littelfuse
Part # 2016L050
Download  2016L050 Download
File Size   5079.94 Kbytes
Page   74 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLYFUSE짰 Resettable PTCs Surface Mount

2016L050 Datasheet (PDF)

Go To PDF Page Download Datasheet
2016L050 Datasheet PDF - Littelfuse

Part # 2016L050
Download  2016L050 Click to download

File Size   5079.94 Kbytes
Page   74 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLYFUSE짰 Resettable PTCs Surface Mount

2016L050 Datasheet (HTML) - Littelfuse




Similar Part No. - 2016L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L050 LITTELFUSE-2016L050 Datasheet
341Kb / 4P
POLYFUSE짰 Resettable PTCs
2016L050 LITTELFUSE-2016L050 Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
2016L050 LITTELFUSE-2016L050 Datasheet
253Kb / 5P
The 2016L Series PTC provides surface mount overcurrent High voltage
2016L050 LITTELFUSE-2016L050 Datasheet
768Kb / 5P
POLY-FUSE Resettable PTCs
2016L050MR LITTELFUSE-2016L050MR Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Similar Description - 2016L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
POLYFUSE짰 Resettable PTCs Surface Mount
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com