Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0603AV12 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD0603AV12 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD0603AV12
Download  TPESD0603AV12 Download
File Size   1146.15 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Surface Mount Polymeric ESD Suppressor

TPESD0603AV12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD0603AV12 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD0603AV12
Download  TPESD0603AV12 Click to download

File Size   1146.15 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Surface Mount Polymeric ESD Suppressor

TPESD0603AV12 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD0603AV12 Product details

Features

Ura-Low capacitance:0 05pF (yp)
Low leakage curent(<10nA)

Fast response time(<1ns)
Bidirectional singe ne protection
IEC 61000-4-2 (ESD Air): 15kV
IEC 61000-4-2 (ESD Contact): 8kV




Similar Part No. - TPESD0603AV12

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0603AV5 TECHPUBLIC-TPESD0603AV5 Datasheet
1Mb / 3P
Surface Mount Polymeric ESD Suppressor
More results


Similar Description - TPESD0603AV12

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
Surface Mount Polymeric ESD Suppressor
logo
Shanghai Leiditech Elec...
PESD0201MV05 LEIDITECH-PESD0201MV05 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
PESD0402AV05 LEIDITECH-PESD0402AV05 Datasheet
1Mb / 7P
Surface Mount Polymeric ESD Suppressor
PESD0542U015 LEIDITECH-PESD0542U015 Datasheet
1Mb / 7P
Surface Mount Polymeric ESD Suppressor
PESD1242U005 LEIDITECH-PESD1242U005 Datasheet
793Kb / 5P
Surface Mount Polymeric ESD Suppressor
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
TECH PUBLIC Electronics...
LXES15AAA1-153 TECHPUBLIC-LXES15AAA1-153 Datasheet
1Mb / 4P
Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD0201E UNSEMI-PESD0201E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD0402E UNSEMI-PESD0402E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com