Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0824947 Datasheet (PDF) - PHOENIX CONTACT

0824947 Datasheet PDF - PHOENIX CONTACT
Part # 0824947
Download  0824947 Download
File Size   226.34 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 18 CUS - Zack marker strip

0824947 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824947 Datasheet PDF - PHOENIX CONTACT

Part # 0824947
Download  0824947 Click to download

File Size   226.34 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 18 CUS - Zack marker strip

0824947 Datasheet (HTML) - PHOENIX CONTACT


0824947 Product details

Zack marker strip, can be ordered: Strip, white, labeled according to customer specifications,
mounting type: snap into tall marker groove, for terminal block width: 18 mm, Number of
individual labels: 5, text field height: 17.4 mm, text field width: 10.5 mm




Similar Part No. - 0824947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824943 PHOENIX-0824943 Datasheet
225Kb / 5P
ZB 14 CUS - Zack marker strip
0824945 PHOENIX-0824945 Datasheet
56Kb / 3P
Zack marker strip - ZB 15 CUS
0824948 PHOENIX-0824948 Datasheet
56Kb / 3P
Zack marker strip - ZB 20,3 CUS
More results


Similar Description - 0824947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824945 PHOENIX-0824945 Datasheet
56Kb / 3P
Zack marker strip - ZB 15 CUS
0824949 PHOENIX-0824949 Datasheet
52Kb / 3P
Zack marker strip - ZB 22 CUS
0824951 PHOENIX-0824951 Datasheet
53Kb / 3P
Zack marker strip - ZB 4 CUS
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0824997 PHOENIX-0824997 Datasheet
57Kb / 3P
Zack marker strip - ZB 7,62 CUS
0825011 PHOENIX-0825011 Datasheet
53Kb / 2P
Zack marker strip - ZB 8 CUS
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com