Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT4046 Datasheet (PDF) - SYC Electronica

74HC-HCT4046 Datasheet PDF - SYC Electronica
Part # 74HC-HCT4046
Download  74HC-HCT4046 Download
File Size   787.98 Kbytes
Page   34 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Phase-locked-loop with VCO

74HC-HCT4046 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT4046 Datasheet PDF - SYC Electronica

Part # 74HC-HCT4046
Download  74HC-HCT4046 Click to download

File Size   787.98 Kbytes
Page   34 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Phase-locked-loop with VCO

74HC-HCT4046 Datasheet (HTML) - SYC Electronica


74HC-HCT4046 Product details

FEATURES
· Low power consumption
· Centre frequency of up to 17 MHz (typ.) at VCC = 4.5 V
· Choice of three phase comparators: EXCLUSIVE-OR;
edge-triggered JK flip-flop;
edge-triggered RS flip-flop
· Excellent VCO frequency linearity
· VCO-inhibit control for ON/OFF keying and for low
standby power consumption
· Minimal frequency drift
· Operating power supply voltage range:
VCO section 3.0 to 6.0 V
digital section 2.0 to 6.0 V
· Zero voltage offset due to op-amp buffering
· Output capability: standard
· ICC category: MSI.




Similar Part No. - 74HC-HCT4046

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
74HC-HCT4040 SYC-74HC-HCT4040 Datasheet
182Kb / 24P
12-stage binary ripple counter
September 2005
More results


Similar Description - 74HC-HCT4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com