Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT595 Datasheet (PDF) - SYC Electronica

74HC-HCT595 Datasheet PDF - SYC Electronica
Part # 74HC-HCT595
Download  74HC-HCT595 Download
File Size   180.22 Kbytes
Page   28 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state

74HC-HCT595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT595 Datasheet PDF - SYC Electronica

Part # 74HC-HCT595
Download  74HC-HCT595 Click to download

File Size   180.22 Kbytes
Page   28 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state

74HC-HCT595 Datasheet (HTML) - SYC Electronica


74HC-HCT595 Product details

FEATURES
· 8-bit serial input
· 8-bit serial or parallel output
· Storage register with 3-state outputs
· Shift register with direct clear
· 100 MHz (typical) shift out frequency
· ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.




Similar Part No. - 74HC-HCT595

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Similar Description - 74HC-HCT595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com