Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A4596DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TS5A4596DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TS5A4596DBVR-TP
Download  TS5A4596DBVR-TP Download
File Size   2533.37 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 8Q SPST ANALOG SWITCH

TS5A4596DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5A4596DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TS5A4596DBVR-TP
Download  TS5A4596DBVR-TP Click to download

File Size   2533.37 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 8Q SPST ANALOG SWITCH

TS5A4596DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TS5A4596DBVR-TP Product details

Features

Low On-resistance, Ron=8Q

« 1.8V Logic Compatible Control Pin

» Overrides V+ to Achieve True Isolation
Even When Supply Is Dead

High Off-Isolation: -100dB @ 100KHz

» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

« High Bandwidth (-3dB @450MHz) Suitable
For USB2.0 High-Speed Routing

© Low Quiescent Current (<2uA) With Very

Wide Supply Range (1.5V ~ 5.5V)




Similar Part No. - TS5A4596DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A4596DBVR TI-TS5A4596DBVR Datasheet
157Kb / 14P
8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596DBVR TI-TS5A4596DBVR Datasheet
456Kb / 18P
8-??SPST ANALOG SWITCH
TS5A4596DBVRE4 TI-TS5A4596DBVRE4 Datasheet
456Kb / 18P
8-??SPST ANALOG SWITCH
TS5A4596DBVRG4 TI-TS5A4596DBVRG4 Datasheet
456Kb / 18P
8-??SPST ANALOG SWITCH
More results


Similar Description - TS5A4596DBVR-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
Single SPST Analog Switch
May, 2006 ??Rev. 4
logo
Texas Instruments
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com