Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8221ALQ Datasheet (PDF) - Toshiba Semiconductor

TA8221ALQ Datasheet PDF - Toshiba Semiconductor
Part # TA8221ALQ
Download  TA8221ALQ Download
File Size   1260.22 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 30W BTL × 2Ch Audio Power Amplifier

TA8221ALQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8221ALQ Datasheet PDF - Toshiba Semiconductor

Part # TA8221ALQ
Download  TA8221ALQ Click to download

File Size   1260.22 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 30W BTL × 2Ch Audio Power Amplifier

TA8221ALQ Datasheet (HTML) - Toshiba Semiconductor


TA8221ALQ Product details

Features
■ Low thermal resistance : θj−T = 1.5°C / W (infinite heat sink)
■ High power : POUT (1) = 30W (typ.) / channel (VCC = 14.4V, f = 1kHz, THD = 10%, RL =2Ω) POUT (2) = 26W (typ.) / channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 2Ω) POUT (3) = 19W (typ.) / channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω)
■ Low distortion ratio: THD = 0.04% (typ.) (VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4Ω, GV = 50dB)
■ Low noise: VNO = 0.30mVrms (typ.) (VCC = 13.2V, RL = 4Ω, GV 50dB, Rg = 0Ω, BW = 20Hz~20kHz)
■ Built−in stand−by function (with pin(4) set at low, power is turned off.): ISB = 100µA (typ.)
■ Built−in muting function (with pin(1) set at low, power is turned off.)
■ Built−in various protection circuits Protection circuits: Thermal shut down, Over voltage, Out→VCC short, Out→GND short and Out−Out short.
■ Operating supply voltage: VCC (opr) = 9~18V TA8221AHQ TA8221ALQ Weight HZIP17−P−2.00 : 9.8g (typ.) HSIP17−P−2.00 : 9.8g (typ.)




Similar Part No. - TA8221ALQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8221AL TOSHIBA-TA8221AL Datasheet
594Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Similar Description - TA8221ALQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7250BP TOSHIBA-TA7250BP Datasheet
490Kb / 11P
30W BTL AUDIO POWER AMPLIFIER
02-Jun-1997
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
30W BTL X 2ch Audio Power Amplifier
30-Oct-2002
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
30W BTL × 2ch Audio Power Amplifier
28-Sep-2004
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
30W BTL × 2ch Audio Power Amplifier
28-Apr-2006
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
30W BTL × 2ch Audio Power Amplifier
28-Apr-2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com