Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0828331 Datasheet (PDF) - PHOENIX CONTACT

0828331 Datasheet PDF - PHOENIX CONTACT
Part # 0828331
Download  0828331 Download
File Size   244.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC1-TM 8 BU CUS - Marker for terminal blocks

0828331 Datasheet (PDF)

Go To PDF Page Download Datasheet
0828331 Datasheet PDF - PHOENIX CONTACT

Part # 0828331
Download  0828331 Click to download

File Size   244.48 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC1-TM 8 BU CUS - Marker for terminal blocks

0828331 Datasheet (HTML) - PHOENIX CONTACT


0828331 Product details

Marker for terminal blocks, can be ordered: by sheet, blue, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 8.2 mm,
Number of individual labels: 64, text field height: 9.7 mm, text field width: 7.55 mm




Similar Part No. - 0828331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828330 PHOENIX-0828330 Datasheet
245Kb / 7P
UC1-TM 8 YE CUS - Marker for terminal blocks
0828332 PHOENIX-0828332 Datasheet
243Kb / 7P
UC1-TM 8 GN CUS - Marker for terminal blocks
0828333 PHOENIX-0828333 Datasheet
248Kb / 7P
UC1-TMF 4 RD CUS - Marker for terminal blocks
0828334 PHOENIX-0828334 Datasheet
249Kb / 7P
UC1-TMF 4 OG CUS - Marker for terminal blocks
0828335 PHOENIX-0828335 Datasheet
245Kb / 7P
UC1-TMF 4 YE CUS - Marker for terminal blocks
More results


Similar Description - 0828331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0824507 PHOENIX-0824507 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 5 CUS
0824509 PHOENIX-0824509 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 6 CUS
0824511 PHOENIX-0824511 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 8 CUS
0824513 PHOENIX-0824513 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 4 CUS
0824515 PHOENIX-0824515 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 5 CUS
0824517 PHOENIX-0824517 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 6 CUS
0824519 PHOENIX-0824519 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 8 CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0828207 PHOENIX-0828207 Datasheet
51Kb / 3P
Marker for terminal blocks - UC1-TMF 5 BU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com