Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0828486 Datasheet (PDF) - PHOENIX CONTACT

0828486 Datasheet PDF - PHOENIX CONTACT
Part # 0828486
Download  0828486 Download
File Size   223.7 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BN CUS - Marker pin

0828486 Datasheet (PDF)

Go To PDF Page Download Datasheet
0828486 Datasheet PDF - PHOENIX CONTACT

Part # 0828486
Download  0828486 Click to download

File Size   223.7 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BN CUS - Marker pin

0828486 Datasheet (HTML) - PHOENIX CONTACT


0828486 Product details

Marker pin, Stud, white, labeled according to customer specifications, can be labeled with:
Marker pen, mounting type: plug in, for terminal block width: 4.2 mm, text field height: 4 mm, text
field width: 4 mm




Similar Part No. - 0828486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828487 PHOENIX-0828487 Datasheet
224Kb / 5P
BN-TRK CUS - Marker pin
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
More results


Similar Description - 0828486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
1401404 PHOENIX-1401404 Datasheet
46Kb / 2P
Marker pin - BN WH
1401815 PHOENIX-1401815 Datasheet
50Kb / 2P
Marker pin - BN-ZB 5,2/WH:UNBEDRUCKT
08.08.2012
1401831 PHOENIX-1401831 Datasheet
50Kb / 2P
Marker pin - BN-ZB 6,2/WH:UNBEDRUCKT
1401844 PHOENIX-1401844 Datasheet
50Kb / 2P
Marker pin Zack strip - BN-ZB 7,5/WH:UNBEDRUCKT
5061099 PHOENIX-5061099 Datasheet
51Kb / 3P
Marker pin Zack strip - BN-ZB10/WH-100:UNBEDRUCKT
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com