Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QIP0640001 Datasheet (PDF) - Powerex Power Semiconductors

QIP0640001 Datasheet PDF - Powerex Power Semiconductors
Part # QIP0640001
Download  QIP0640001 Download
File Size   25.65 Kbytes
Page   4 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts)

QIP0640001 Datasheet (PDF)

Go To PDF Page Download Datasheet
QIP0640001 Datasheet PDF - Powerex Power Semiconductors

Part # QIP0640001
Download  QIP0640001 Click to download

File Size   25.65 Kbytes
Page   4 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts)

QIP0640001 Datasheet (HTML) - Powerex Power Semiconductors


QIP0640001 Product details

Description:
Powerex IGBT Hermetic modules are designed for use in switching applications. Each Module consists of two IGBT transistors, four super fast free wheel diodes in an asymmetrical half bridge configuration with each transistor having a reverse connected super fast recovery free wheel diode. All components are located in a hermetically sealed chamber and are electrically isolated from the heat sinking base plate, offering simplified system assembly and thermal management.

Features:
♦ Low Drive Power
♦ Low VCE(sat)
♦ Discrete Super-Fast Recovery (70ns) Free-Wheel Diode
♦ Isolated Base plate for Easy Heat sinking
♦ Fully Hermetic Package
♦ Package Design Capable of Use at High Altitudes
♦ Package can be modified to adhere to customer dimensions.
♦ High Capacity Diodes (D1 & D3)

Applications:
♦ AC Motor Control
♦ Motion/Servo Control
♦ Air Craft Applications




Similar Part No. - QIP0640001

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
QIPDF HOFFMANPRODUCTS-QIPDF Datasheet
1Mb / 8P
QLINE I, Type 4X
More results


Similar Description - QIP0640001

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM400HSA120 POWEREX-PM400HSA120 Datasheet
60Kb / 4P
Intellimod??Module Half Phase IGBT Inverter Output (400 Amperes/1200 Volts)
PM600HSA120 POWEREX-PM600HSA120 Datasheet
61Kb / 4P
Intellimod??Module Half Phase IGBT Inverter Output (600 Amperes/1200 Volts)
PM800HSA060 POWEREX-PM800HSA060 Datasheet
68Kb / 6P
Intellimod??Module Half Phase IGBT Inverter Output (800 Amperes/600 Volts)
QID0630006 POWEREX-QID0630006 Datasheet
89Kb / 4P
Dual IGBT H-Series Hermetic Module (300 Amperes/600 Volts)
QIQ0660001 POWEREX-QIQ0660001 Datasheet
168Kb / 3P
IGBT H-Series Chopper Hermetic Module (600 Amperes/600 Volts)
QIR0620001 POWEREX-QIR0620001 Datasheet
57Kb / 3P
IGBT H-Series Chopper Module (200/300 Amperes/600 Volts)
QIS0660001 POWEREX-QIS0660001 Datasheet
167Kb / 3P
Single IGBT H-Series Hermetic Module (600 Amperes/600 Volts)
logo
Sensitron
SCP-5115 SENSITRON-SCP-5115 Datasheet
80Kb / 3P
Hermetic Half Bridge IGBT Module 600V, 800A
logo
Powerex Power Semicondu...
PP400B060-ND POWEREX-PP400B060-ND Datasheet
571Kb / 5P
H-Bridge POW-R-PAK IGBT Assembly 400 Amperes/600 Volts
QID0660023 POWEREX-QID0660023 Datasheet
323Kb / 3P
Dual IGBT Module 600 Amperes/600 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com