Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1111CCPZ Datasheet (PDF) - Analog Devices

ADIN1111CCPZ Datasheet PDF - Analog Devices
Part # ADIN1111CCPZ
Download  ADIN1111CCPZ Download
File Size   1832.5 Kbytes
Page   109 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY

ADIN1111CCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN1111CCPZ Datasheet PDF - Analog Devices

Part # ADIN1111CCPZ
Download  ADIN1111CCPZ Click to download

File Size   1832.5 Kbytes
Page   109 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY

ADIN1111CCPZ Datasheet (HTML) - Analog Devices


ADIN1111CCPZ Product details

FEATURES
► 10BASE-T1L IEEE Standard 802.3cg-2019 compliant
► Cable reach up to 1700 m with 1.0 V/2.4 V
► Integrated MAC with SPI
► Supports OPEN Alliance 10BASE-T1x MAC-PHY serial interface
► 16 MAC address filters
► High and low priority queues with 28 kB buffer
► Cut through or store forward operation
► IEEE 1588 timestamp support
► Statistics counters
► Low power consumption: single supply 50 mW
► Diagnostics
► Cable fault detection with TDR
► Link quality indicator with MSE
► Frame generator and checker
► Multiple loopback modes
► IEEE test mode support
► Supports 1.0 V p-p and 2.4 V p-p transmit levels
► MDI polarity detection and correction
► 2-pin MDI
► Internal termination resistors and hybrid
► Autonegotiation
► 25 MHz crystal or external clock input
► EMC test standards
► IEC 61000-4-4 electrical fast transient (±4 kV)
► IEC 61000-4-2 ESD (±4 kV contact discharge)
► IEC 61000-4-2 ESD (±8 kV air discharge)
► IEC 61000-4-6 conducted immunity (10 V/m)
► IEC 61000-4-5 surge (±4 kV)
► IEC 61000-4-3 radiated immunity (Class A)
► EN 55032 radiated emissions (Class B)
► Small package: 32-lead (5 mm × 5 mm) LFCSP
► Temperature range
► Industrial: −40°C to +85°C
► Extended: −40°C to +105°C

APPLICATIONS
► Building automation and fire safety
► Factory automation
► Condition monitoring and machine connectivity

GENERAL DESCRIPTION
The ADIN1111 is an ultra low power, single port, 10BASE-T1L
transceiver design for industrial Ethernet applications and is compliant
with the IEEE® 802.3cg-2019™ Ethernet standard for long
reach, 10 Mbps single pair Ethernet (SPE). Featuring an integrated
media access control (MAC) interface, the ADIN1111 enables direct
connectivity with a variety of host controllers via a serial peripheral
interface (SPI). This SPI enables the use of lower power processors
without an integrated MAC, which provides for the lowest overall
system level power consumption. The ADIN1111 is designed for
edge node sensors and field instruments deployed in building,
factor, and process automation.
The device operates from a single power supply rail of 1.8 V or
3.3 V, supporting both 1.0 V and 2.4 V. The internal hybrid and
termination resistors allow the ADIN1111 to connect directly to the
MDI interface.
The ADIN1111 has an integrated voltage supply monitoring and
power-on reset (POR) circuitry to improve system level robustness
and has a 4-wire SPI for communication between the MAC interface
and host processor.
The ADIN1111 is available in a 32-lead, 5 mm × 5 mm lead frame
chip scale package [LFCSP].




Similar Part No. - ADIN1111CCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 107P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
Rev. B
More results


Similar Description - ADIN1111CCPZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Texas Instruments
DP83TD510L TI-DP83TD510L Datasheet
1Mb / 45P
DP83TD510E Ultra Low Power 802.3cg 10Base-T1L 10M Single Pair Ethernet PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
logo
ON Semiconductor
NCN26010 ONSEMI-NCN26010 Datasheet
454Kb / 57P
10 Mb/s Industrial Ethernet MAC PHY IC Controller
June, 2022 - Rev. 1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com