Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL366 Datasheet (PDF) - Analog Devices

ADXL366 Datasheet PDF - Analog Devices
Part # ADXL366
Download  ADXL366 Download
File Size   2463.24 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer

ADXL366 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL366 Datasheet PDF - Analog Devices

Part # ADXL366
Download  ADXL366 Click to download

File Size   2463.24 Kbytes
Page   71 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer

ADXL366 Datasheet (HTML) - Analog Devices


ADXL366 Product details

FEATURES
► Power supply output voltage range
► 1.1V to 3.6V, allowing single cell battery operation
► Internal power supply regulation for high PSRR
► Ultralow power
► 0.96μA at 100Hz ODR (50Hz bandwidth), 2.0V supply
► 191nA current consumption in wake-up mode
► 47nA current consumption in standby mode
► High sensitivity: 0.25mg/LSB
► Built-in features for system-level power savings
► Step counter with only 120nA of added current
► Single-tap and double-tap detection with only 35nA of added
current
► Adjustable threshold sleep and wake-up modes for motion
activation
► Autonomous interrupt processing
► Deep 512 sample embedded FIFO minimizes host processor
load
► Awake state output enables implementation of motion activated
switch
► Noise density of 130μg/√Hz for ultra-low noise mode, 2g range
and 100Hz ODR
► Acceleration sample synchronization via external trigger
► On-chip temperature sensor
► Internal 2-pole anti-aliasing filter
► SPI (4-wire) and I2C digital interfaces
► Small and thin, 2.2 mm × 2.3 mm × 0.87 mm, 12-terminal LGA
package

APPLICATIONS
► 24/7 sensing
► Hearing aids
► Vital signs monitoring devices
► Motion-enabled power save switches
► Motion-enabled metering devices
► Smart watch with single-cell operation
► Smart home

GENERAL DESCRIPTION
The ADXL366 is an ultra-low power, 3-axis microelectromechanical
systems (MEMS) accelerometer that consumes only 0.96μA at a
100Hz output data rate (ODR) and 191nA when in motion-triggered
wake-up mode. Unlike accelerometers that use power duty cycling
to achieve low power consumption, the ADXL366 does not alias
input signals by undersampling but samples the full bandwidth of
the sensor at all data rates.
The ADXL366 provides 14-bit output resolution. When a lower
resolution is sufficient, 8-bit formatted data is also offered for
more efficient single-byte transfers. In addition, for ADXL362 design
compatibility, 12-bit formatted data is also provided. Measurement
ranges of ±2g, ±4g, and ±8g are available, with a resolution of
0.25mg/LSB on the ±2g range.
In addition to its ultra-low power consumption, the ADXL366 has
many features to enable true system-level power reduction. The
device includes a configurable step counter, a deep multimode output
first in, first out (FIFO), a built-in micropower temperature sensor,
an internal analog-to-digital converter (ADC) for synchronous
conversion of an additional analog input with interrupt capability,
single-tap and double-tap detection that can operate at any output
data rate with only an added 35nA of current, and a state machine
to prevent false triggering. In addition, the ADXL366 has provisions
for external control of the sampling time and/or an external clock.
The ADXL366 operates on a wide 1.1V to 3.6V power supply
operating voltage range and can interface, if necessary, to a host
operating on a separate supply voltage. The ADXL366 is available
in a 2.2mm × 2.3mm × 0.87mm footprint, 12-terminal LGA package
and is pin compatible with the ADXL367.




Similar Part No. - ADXL366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results


Similar Description - ADXL366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
List of Unclassifed Man...
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
LIS331DL 3-axis digital MEMS accelerometer
24-Jun-2008
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
Micropower, 3-Axis, 짹200 g Digital Output, MEMS
8/2018-Rev. A to Rev. B
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
logo
List of Unclassifed Man...
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com