Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC7043B Datasheet (PDF) - Analog Devices

HMC7043B Datasheet PDF - Analog Devices
Part # HMC7043B
Download  HMC7043B Download
File Size   1904.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Performance, 3.2 GHz, 14-Output Clock Distributor with JESD204B/JESD204C

HMC7043B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC7043B Datasheet PDF - Analog Devices

Part # HMC7043B
Download  HMC7043B Click to download

File Size   1904.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Performance, 3.2 GHz, 14-Output Clock Distributor with JESD204B/JESD204C

HMC7043B Datasheet (HTML) - Analog Devices


HMC7043B Product details

FEATURES
► JEDEC JESD204B and JESD204C support
► Low additive jitter: <15 fs rms at 2457.6 MHz (12 kHz to 20 MHz)
► Very low noise floor: −155.2 dBc/Hz at 983.04 MHz
► Up to 14 low-voltage differential signaling (LVDS), low-voltage
positive emitter coupled logic (LVPECL), or current-mode logic
(CML) type device clocks (DCLKs)
► Maximum CLKOUTx/CLKOUTx and SCLKOUTx/SCLKOUTx
frequency of 3200 MHz
► JESD204B/C compatible system reference (SYSREF) pulses
► 25 ps analog and one-half clock input cycle digital delay independently
programmable on each of 14 clock output channels
► Serial port interface (SPI)-programmable adjustable noise floor
vs. power consumption
► SYSREF valid interrupt to simplify JESD204B/C synchronization
► Supports deterministic synchronization of multiple HMC7043B
devices
► RFSYNCIN pin or SPI-controlled SYNC trigger for output synchronization
of JESD204B/C
► GPIO alarm/status indicator to determine system health
► Clock input to support up to 6 GHz
► Available in 48-lead, 7 mm × 7 mm LFCSP package

APPLICATIONS
► JESD204B and JESD204C clock generation
► Cellular infrastructure (multicarrier global system for mobile communications/
GSM, long-term evolution/LTE, wideband Code-Division
Multiple Access/W-CDMA)
► Data converter clocking
► Phase array reference distribution
► Microwave baseband cards

GENERAL DESCRIPTION
The HMC7043B, which is a revised version of the HMC7043, is a
high-performance clock buffer for the distribution of ultra-low phase
noise references for high-speed data converters with either parallel
or serial (JESD204B/C type) interfaces.
The HMC7043B is designed to meet the requirements of multicarrier
GSM and LTE base station designs, and offers a wide range of
clock management and distribution features to simplify baseband
and radio card clock tree designs.
The HMC7043B provides 14 low noise and configurable outputs
to offer flexibility in interfacing with many different components in
a base transceiver station (BTS) system, such as data converters,
local oscillators, transmit/receive modules, field programmable gate
arrays (FPGAs), and digital front-end application-specific integrated
circuits (ASICs). The HMC7043B can generate up to seven DCLK
and SYSREF clock pairs per the JESD204B interface requirements.
The system designer can generate a lower number of DCLK and
SYSREF pairs, and configure the remaining output signal paths
for independent phase and frequency. Both the DCLK and SYSREF
clock outputs can be configured to support different signaling
standards, including CML, LVDS, LVPECL, and low voltage complementary
metal-oxide semiconductor (LVCMOS), and different bias
conditions to adjust for varying board insertion losses.
One of the unique features of the HMC7043B is the independent
flexible phase management of each of the 14 channels. All 14
channels feature both frequency and phase adjustment. The outputs
can also be programmed for 50 Ω or 100 Ω internal and
external termination options.
The HMC7043B device features an RF SYNC feature that synchronizes
multiple HMC7043B devices deterministically, that is, ensures
that all clock outputs start with the same edge. This operation is
achieved by rephasing the nested HMC7043B or SYSREF control
unit/divider, deterministically, and then restarting the output dividers
with this new phase.
The HMC7043B is offered in a 48-lead, 7 mm × 7 mm LFCSP
package with an exposed pad connected to ground.




Similar Part No. - HMC7043B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7043 AD-HMC7043 Datasheet
919Kb / 44P
JEDEC JESD204B support
Rev. B
HMC7043 AD-HMC7043 Datasheet
860Kb / 10P
Evaluating the HMC7044 Dual Loop Clock Jitter Cleaner
Rev. 0
HMC7043LP7FE AD-HMC7043LP7FE Datasheet
919Kb / 44P
JEDEC JESD204B support
Rev. B
HMC7043LP7FETR AD-HMC7043LP7FETR Datasheet
919Kb / 44P
JEDEC JESD204B support
Rev. B
More results


Similar Description - HMC7043B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
logo
Analog Devices
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
logo
Analog Devices
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com