Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6106 Datasheet (PDF) - Analog Devices

LT6106 Datasheet PDF - Analog Devices
Part # LT6106
Download  LT6106 Download
File Size   1322.2 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V Low Cost High Side Current Sense in a SOT-23

LT6106 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6106 Datasheet PDF - Analog Devices

Part # LT6106
Download  LT6106 Click to download

File Size   1322.2 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V Low Cost High Side Current Sense in a SOT-23

LT6106 Datasheet (HTML) - Analog Devices


LT6106 Product details

FEATURES
Gain Configurable with Two Resistors
Low Offset Voltage: 250μV Maximum
Output Current: 1mA Maximum
Supply Range: 2.7V to 36V, 44V Absolute Maximum
Low Input Bias Current: 40nA Maximum
PSRR: 106dB Minimum
Low Supply Current: 65μA Typical, V+ = 12V
Operating Temperature Range: –40°C to 125°C
Low Profile (1mm) ThinSOT™ Package
AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
Current Shunt Measurement
Battery Monitoring
Power Management
Motor Control
Lamp Monitoring
Overcurrent and Fault Detection

DESCRIPTION
The LT®6106 is a versatile high side current sense amplifier.
Design flexibility is provided by the excellent device
characteristics: 250μV maximum offset and 40nA maximum
input bias current. Gain for each device is set by two
resistors and allows for accuracy better than 1%.
The LT6106 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. The low DC
offset allows for monitoring very small sense voltages. As
a result, a small valued shunt resistor can be used, which
minimizes the power loss in the shunt.
The wide 2.7V to 44V input voltage range, high accuracy
and wide operating temperature range make the LT6106
ideal for automotive, industrial and power management
applications. The very low power supply current of the
LT6106 also makes it suitable for low power and battery
operated applications.




Similar Part No. - LT6106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6106 LINER-LT6106 Datasheet
250Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
logo
Analog Devices
LT6106 AD-LT6106 Datasheet
347Kb / 14P
High Temperature High Side Current Sense Amp in SOT-23
REV C
LT6106 AD-LT6106 Datasheet
348Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
More results


Similar Description - LT6106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Linear Technology
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com