Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990 Datasheet (PDF) - Analog Devices

LT1990 Datasheet PDF - Analog Devices
Part # LT1990
Download  LT1990 Download
File Size   270.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier

LT1990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1990 Datasheet PDF - Analog Devices

Part # LT1990
Download  LT1990 Click to download

File Size   270.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier

LT1990 Datasheet (HTML) - Analog Devices


LT1990 Product details

FEATURES
* Gain = 10
* –3dB Bandwidth = 100kHz
* High Common Mode Voltage Range:
* ±250V (VS = ±15V)
* 85V Window (VS = 5V, 0V)
* Common Mode Rejection Ratio: 60dB Min
* Input Protection to ±350V
* Gain Error: 0.8% Max
* PSRR: 82dB Min
* High Input Impedance: 2MΩ Differential,
500kΩ Common Mode
* Micropower: 180μA Max Supply Current
* Wide Supply Range: 2.7V to 36V
* Rail-to-Rail Output
* 8-pin SO and pin FMEA Compatible MSOP Packages

APPLICATIONS
* Battery Cell Voltage Monitoring
* High Voltage Current Sensing
* Signal Acquisition in Noisy Environments
* Input Protection
* Fault Protected Front Ends
* Level Sensing
* Isolation

DESCRIPTION
The LT®1990-10 is a micropower precision difference amplifier
with a very high common mode input voltage range,
a fixed gain of 10 and 100kHz bandwidth. The LT1990-10
operates over a ±250V common mode voltage range on a
±15V supply. The inputs are fault protected from common
mode voltage transients up to ±350V and differential
voltages up to ±500V. The LT1990-10 is ideally suited for
both high side and low side current or voltage monitoring.
On a single 5V supply, the LT1990-10 has an adjustable
85V input range, 60dB min CMRR and draws less than
180μA supply current. The rail-to-rail output maximizes
the dynamic range, especially important for single supplies
as low as 2.7V.
The LT1990-10 is specified for single 3V, 5V and ±15V
supplies over the industrial temperature range.
The LT1990-10 is available in the 8-pin SO and pin FMEA
compatible MSOP packages.




Similar Part No. - LT1990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
222Kb / 16P
250V Input Range G = 1, 10, Micropower, Difference Amplifier
LT1990 LINER-LT1990 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1990 LINER-LT1990 Datasheet
204Kb / 8P
Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1990 LINER-LT1990 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1990 LINER-LT1990 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
More results


Similar Description - LT1990

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
logo
Burr-Brown (TI)
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
222Kb / 16P
250V Input Range G = 1, 10, Micropower, Difference Amplifier
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
ADA4830-1 AD-ADA4830-1 Datasheet
458Kb / 22P
High Speed Difference Amplifier with Input
REV. C
logo
Linear Technology
LT1990 LINER-LT1990_15 Datasheet
276Kb / 16P
Micropower, Difference Amplifier
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Linear Technology
LT6376 LINER-LT6376 Datasheet
2Mb / 30P
짹230V Common Mode Voltage G = 10 Difference Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com