Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40201FAWA+ Datasheet (PDF) - Analog Devices

MAX40201FAWA+ Datasheet PDF - Analog Devices
Part # MAX40201FAWA+
Download  MAX40201FAWA+ Download
File Size   786.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 0V to 76V Current-Sense Amplifier

MAX40201FAWA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40201FAWA+ Datasheet PDF - Analog Devices

Part # MAX40201FAWA+
Download  MAX40201FAWA+ Click to download

File Size   786.5 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 0V to 76V Current-Sense Amplifier

MAX40201FAWA+ Datasheet (HTML) - Analog Devices


MAX40201FAWA+ Product details

General Description
The MAX40201 dual-channel, high-side, current-sense amplifier has VOS of less than 12μV (max) and gain error of less than 0.1% (max). The outputs of the MAX40201 are voltage outputs capable of swinging to a few tens of millivolts of the VDD rail and ground.
The MAX40201 features an input common-mode voltage range from 0V to 76V with 80kHz of small-signal bandwidth, which makes it ideal for interfacing with a SAR ADC for multichannel multiplexed data acquisition systems.
The MAX40201 operates over the -40°C to +125°C
temperature range. The MAX40201 is offered in 8-bump wafer-level package (WLP) and 8-pin μMAX® package.

Applications
●Base Stations and Communication Equipment
●Power Management Systems
●Server Backplanes
●Industrial Control and Automation

Benefits and Features
●0V to 76V Input Common Mode
●Low 12μV (max) Input Offset Voltage
●Low 0.1% (max) Gain Error
●Gain Options
•G = 25V/V (MAX40201T)
•G = 50V/V (MAX40201F)
•G = 100V/V (MAX40201H)
•G = 200V/V (MAX40201W)
●1.3mm x 2mm 8-Bump WLP and 8-Pin μMAX Packages




Similar Part No. - MAX40201FAWA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40201FAWA+* MAXIM-MAX40201FAWA+* Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
More results


Similar Description - MAX40201FAWA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40201 MAXIM-MAX40201 Datasheet
496Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
Rev 0; 5/17
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40201 MAXIM-MAX40201_V01 Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com