Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4080 Datasheet (PDF) - Maxim Integrated Products

MAX4080 Datasheet PDF - Maxim Integrated Products
Part # MAX4080
Download  MAX4080 Download
File Size   410.11 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, High-Side, Current-Sense Amplifiers with Voltage Output

MAX4080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4080 Datasheet PDF - Maxim Integrated Products

Part # MAX4080
Download  MAX4080 Click to download

File Size   410.11 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, High-Side, Current-Sense Amplifiers with Voltage Output

MAX4080 Datasheet (HTML) - Maxim Integrated Products


MAX4080 Product details

General Description

The MAX4080/MAX4081 are high-side, current-sense amplifiers with an input voltage range that extends from

4.5V to 76V making them ideal for telecom, automotive, backplane, and other systems where high-voltage current monitoring is critical. The MAX4080 is designed for unidirectional current-sense applications and the MAX4081 allows bidirectional current sensing.



Features

♦Wide 4.5V to 76V Input Common-Mode Range

♦Bidirectional or Unidirectional ISENSE

♦Low-Cost, Compact, Current-Sense Solution

♦Three Gain Versions Available

  5V/V (MAX4080F/MAX4081F)

  20V/V (MAX4080T/MAX4081T)

  60V/V (MAX4080S/MAX4081S)

♦±0.1% Full-Scale Accuracy

♦Low 100µV Input Offset Voltage

♦Independent Operating Supply Voltage

♦75µA Supply Current (MAX4080)

♦Reference Input for Bidirectional OUT (MAX4081)

♦Available in a Space-Saving, 8-Pin µMAX Package



Applications

Automotive (12V, 24V, or 42V Batteries)

48V Telecom and Backplane Current Measurement

Bidirectional Motor Control

Power-Management Systems

Avalanche Photodiode and PIN-Diode Current Monitoring

General System/Board-Level Current Sensing

Precision High-Voltage Current Sources




Similar Part No. - MAX4080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
logo
Analog Devices
MAX4080 AD-MAX4080 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 6 12/20
More results


Similar Description - MAX4080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com