Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40658 Datasheet (PDF) - Analog Devices

MAX40658 Datasheet PDF - Analog Devices
Part # MAX40658
Download  MAX40658 Download
File Size   838.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications

MAX40658 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40658 Datasheet PDF - Analog Devices

Part # MAX40658
Download  MAX40658 Click to download

File Size   838.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications

MAX40658 Datasheet (HTML) - Analog Devices


MAX40658 Product details

General Description
The MAX40658 and MAX40659 are transimpedance amplifiers for optical distance measurement receivers for LiDAR applications. Low noise, high gain, low group delay, and fast recovery from overload make these parts ideal for distance-measurement applications.
Important features include 45nARMS input-referred noise, an internal 100mA clamp, 18kΩ (MAX40658) and 36kΩ (MAX40659) transimpedance, and greater than 360MHz bandwidth. An offset input allows adjustment of input offset current. Operating from a +3.3V supply, the MAX40658 and MAX40659 consume only 70mW.
The MAX40658 and MAX40659 are available in a 3mm x 3mm, 8-pin TDFN package or bare die, and are specified over the -40°C to 85°C operating temperature range.

Applications
●Optical Distance Measurement
●LIDAR Receivers
●Industrial Safety Systems
●Autonomous Driving Systems

Benefits and Features
●45nARMS Noise
●Two Transimpedance Values Available
•18kΩ (MAX40658)
•36kΩ (MAX40659)
●360MHz Minimum Bandwidth
●Internal Clamp For Input Current Up To 100mA
●Offset Adjust Input
●70mW Power Dissipation
●3.3V Operation




Similar Part No. - MAX40658

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40658 MAXIM-MAX40658 Datasheet
435Kb / 11P
Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
Rev 0; 6/17
MAX40658EVKIT MAXIM-MAX40658EVKIT Datasheet
701Kb / 8P
Easy 3.3V Electrical Evaluation of MAX40658
Rev 0; 7/17
More results


Similar Description - MAX40658

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Maxim Integrated Produc...
MAX40658 MAXIM-MAX40658 Datasheet
435Kb / 11P
Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
Rev 0; 6/17
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX40660 MAXIM-MAX40660 Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
MAX40662 MAXIM-MAX40662 Datasheet
868Kb / 20P
Quad Transimpedance Amplifier with Input Current Clamp and Multiplexer for LiDAR
2020
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com