Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2945IMS-1 Datasheet (PDF) - Analog Devices

LTC2945IMS-1 Datasheet PDF - Analog Devices
Part # LTC2945IMS-1
Download  LTC2945IMS-1 Download
File Size   2481.59 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Range I2C Power Monitor

LTC2945IMS-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2945IMS-1 Datasheet PDF - Analog Devices

Part # LTC2945IMS-1
Download  LTC2945IMS-1 Click to download

File Size   2481.59 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Range I2C Power Monitor

LTC2945IMS-1 Datasheet (HTML) - Analog Devices


LTC2945IMS-1 Product details

FEATURES
Rail-to-Rail Input Range: 0V to 80V
Wide Input Supply Range: 2.7V to 80V
Shunt Regulator for Supplies >80V
ΔΣ ADC with less than ±0.75% Total Unadjusted Error
12-Bit Resolution for Current and Voltages
Internal Multiplier Calculates 24-Bit Power Value
Stores Minimum and Maximum Values
Alerts When Limits Exceeded
Additional ADC Input Monitors an External Voltage
Continuous Scan and Snapshot Modes
Shutdown Mode with IQ < 80μA
Split SDA for Opto-Isolation
Available in 12-Lead 3mm × 3mm QFN and
MSOP Packages
AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
Telecom Infrastructure
Industrial
Automotive
Consumer

DESCRIPTION
The LTC®2945 is a rail-to-rail system monitor that measures
current, voltage, and power. It features an operating
range of 2.7V to 80V and includes a shunt regulator for
supplies above 80V to allow flexibility in the selection
of input supply. The current measurement range of 0V
to 80V is independent of the input supply. An onboard
0.75% accurate 12-bit ADC measures load current, input
voltage and an auxiliary external voltage. A 24-bit power
value is generated by digitally multiplying the measured
12-bit load current and input voltage data. Minimum and
maximum values are stored and an overrange alert with
programmable thresholds minimizes the need for software
polling. Data is reported via a standard I2C interface.
Shutdown mode reduces power consumption to 20μA.
The LTC2945 I2C interface includes separate data input
and output pins for use with standard or opto-isolated I2C
connections. The LTC2945-1 has an inverted data output
for use with inverting opto-isolator configurations.




Similar Part No. - LTC2945IMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2945 LINER-LTC2945 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
Wide Range I2C Power Monitor
More results


Similar Description - LTC2945IMS-1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
Precision wide input range current monitor
JUNE 2007
ZXCT1051 DIODES-ZXCT1051 Datasheet
679Kb / 10P
Precision wide input range current monitor
NOVEMBER 2006
logo
Linear Technology
LTC2945 LINER-LTC2945 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
Wide Range I2C Power Monitor
LTC2946 LINER-LTC2946_15 Datasheet
467Kb / 42P
Wide Range I2C Power, Charge and Energy Monitor
LTC2946 LINER-LTC2946 Datasheet
2Mb / 20P
Wide Range I2C Power, Charge and Energy Meter
LTC2992 LINER-LTC2992 Datasheet
522Kb / 46P
Dual Wide Range Power Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com