Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40660 Datasheet (PDF) - Analog Devices

MAX40660 Datasheet PDF - Analog Devices
Part # MAX40660
Download  MAX40660 Download
File Size   1652.35 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR

MAX40660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40660 Datasheet PDF - Analog Devices

Part # MAX40660
Download  MAX40660 Click to download

File Size   1652.35 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR

MAX40660 Datasheet (HTML) - Analog Devices


MAX40660 Product details

General Description
The MAX40660/MAX40661 are transimpedance amplifiers
for optical distance measurement receivers in LiDAR
applications. Low noise, high gain, low group delay, and
fast recovery from overload make these TIAs ideal for distance-
measurement applications. Important features include
2.1pA input-referred noise density (MAX40660), an
internal input clamp, pin-selectable 25kΩ and 50kΩ transimpedance,
and wide bandwidth (490MHz (typ) for the
MAX40660 with 0.5pF input capacitance and 25kΩ transimpedance;
160MHz (typ) for the MAX40661 with 10pF
input capacitance). An offset current input allows optional
adjustment of input offset current. A low-power/standby
control input reduces the supply current by better than
80% to help reduce average power supply current between
pulses. The MAX40660/MAX40661 transimpedance
amplifiers feature AEC-Q100 qualification over the
-40°C to +125°C automotive operating temperature range
and are available in a 3mm x 3mm, 10-lead TDFN package
with side-wettable flanks, making them excellent
choices for automotive LiDAR applications.
In addition to the TDFN package, the MAX40660 is available
as bare die.

Applications
● Optical Distance Measurement
● LiDAR Receivers
● Industrial Safety Systems
● Autonomous Driving Systems
● Automotive Applications

Benefits and Features
● AEC-Q100
● Enables ASIL Compliance (FMEDA Available upon
Request)
● MAX40660
• Optimized for CIN = 0.25pF to 5pF
• Bandwidth = 490MHz (typ)
● MAX40661
• Optimized for CIN = 5pF to 12pF
• Bandwidth (CIN = 10pF) = 160MHz (typ), 100MHz
(min)
● Low Noise
● Two Pin-Selectable Transimpedance Values
• 25kΩ
• 50kΩ
● Internal Clamp for Input Current up to 2A (Transient)
● Fast Overload Recovery: 2ns at 100mA
● Offset Input Provides Offset Adjust Feature
● LP Input Reduces Power Dissipation Between Pulses
● 3.3V Operation
● 10-Pin TDFN (Side-Wettable) or Bare Die




Similar Part No. - MAX40660

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40660 MAXIM-MAX40660 Datasheet
756Kb / 8P
Easy Electrical Evaluation of the MAX40660
319-100402; Rev 0; 5/19
MAX40660 MAXIM-MAX40660 Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
MAX40660A/D+ MAXIM-MAX40660A/D+ Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
MAX40660ATB+ MAXIM-MAX40660ATB+ Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
MAX40660ATB/VY+ MAXIM-MAX40660ATB/VY+ Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
More results


Similar Description - MAX40660

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
Applied Micro Circuits ...
CS3160 AMCC-CS3160 Datasheet
160Kb / 11P
2.5 Gbps Wide Bandwidth Transimpedance Amplifier
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Maxim Integrated Produc...
MAX40658 MAXIM-MAX40658 Datasheet
435Kb / 11P
Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
Rev 0; 6/17
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
logo
Maxim Integrated Produc...
MAX40660 MAXIM-MAX40660 Datasheet
1Mb / 19P
High-Bandwidth Automotive Transimpedance Amplifier with Fast Output Recovery and Input Current Clamp for LiDAR
2021
MAX40662 MAXIM-MAX40662 Datasheet
868Kb / 20P
Quad Transimpedance Amplifier with Input Current Clamp and Multiplexer for LiDAR
2020
logo
Analog Devices
LTC6563 AD-LTC6563 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com