Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH6105MW Datasheet (PDF) - Analog Devices

RH6105MW Datasheet PDF - Analog Devices
Part # RH6105MW
Download  RH6105MW Download
File Size   268.1 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Extended Input Range Current Sense Amplifier

RH6105MW Datasheet (PDF)

Go To PDF Page Download Datasheet
RH6105MW Datasheet PDF - Analog Devices

Part # RH6105MW
Download  RH6105MW Click to download

File Size   268.1 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Extended Input Range Current Sense Amplifier

RH6105MW Datasheet (HTML) - Analog Devices


RH6105MW Product details

DESCRIPTION
The RH6105MW is a micropower, precision current sense
amplifier with a very wide input common mode range.
The RH6105MW monitors unidirectional current via
the voltage across an external sense resistor. The input
common mode range extends from –0.3V to 44V, with
respect to the negative supply voltage (V–). This allows
the RH6105MW to operate as a high side current sense
monitor or a low side current sense monitor. It also allows
the RH6105MW to monitor current on a negative supply
voltage, as well as continuously monitor a battery from
full charge to depletion. The inputs of the RH6105MW can
withstand differential voltages up to ±44V, which makes it
ideal for monitoring a fuse or MOSFET switch.
Gain is configured with external resistors from 1V/V to
100V/V. The input common mode rejection and power
supply rejection are in excess of 100dB and the input
offset voltage is less than 565μV. A typical slew rate of 2V/
μs ensures fast response to unexpected current changes.
The RH6105MW can operate from an independent power
supply of 2.85V to 36V and draws only 150μA. When V+ is
powered down, the sense pins are biased off. This prevents
loading of the monitored circuit, irrespective of the sense
voltage. The RH6105MW is available in a 10-lead bottom
brazed flat pack.

ABSOLUTE MAXIMUM RATINGS
Differential Input Voltage (+IN to –IN)......................±44V
Input Voltage V(+IN, –IN) to V– ................. –9.5V to 44V
Total V+ Supply Voltage from V–................................36V
Output Voltage.......................................V– to (V– + 36V)
Output Short-Circuit Duration (Note 3)............. Indefinite
Operating Temperature Range................–55°C to 125°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range....................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Notes 1, 2)




Similar Part No. - RH6105MW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RH61 AVX-RH61 Datasheet
66Kb / 2P
SMPS Capacitors (RH Style)
More results


Similar Description - RH6105MW

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Linear Technology
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
Precision, Extended Input Range Current Sense Amplifi er
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
Precision, Extended Input Range Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
SOT23 Precision Current-Sense Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com