Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP27 Datasheet (PDF) - 3PEAK INC.

TP27 Datasheet PDF - 3PEAK INC.
Part # TP27
Download  TP27 Download
File Size   1689.38 Kbytes
Page   14 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 36-V, 6-MHz, 50-μV VOS Operational Amplifiers

TP27 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP27 Datasheet PDF - 3PEAK INC.

Part # TP27
Download  TP27 Click to download

File Size   1689.38 Kbytes
Page   14 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 36-V, 6-MHz, 50-μV VOS Operational Amplifiers

TP27 Datasheet (HTML) - 3PEAK INC.


TP27 Product details

Features
• Supply Voltage: 4.5 V to 36 V
• Offset Voltage: ±50 μV (Max)
• Differential Input Voltage Range to Supply Rail, can
Work as Comparator
• Input Rail to −VS, Rail-to-Rail Output
• Drive any Capacitive Load
• Bandwidth: 6 MHz, Slew Rate: 5 V/μs
• Excellent EMI Suppress Performance: 85 dB at 1 GHz
• Over-Temperature Protection
• Low Noise: 8 nV/√Hz at 1 kHz
• 2-kV HBM, 1-kV CDM, 500-mA Latch Up
• Operating Temperature Range: −40°C to 125°C
Applications
• Instrumentation
• Active Filters, ASIC Input or Output Amplifier
• Sensor Interface
• Industrial Control
Description
The TP27 is a series of the newest high supply voltage
amplifiers with low offset, low power, and stable highfrequency
response. The series incorporates 3PEAK’s
proprietary and patented design techniques to achieve
excellent AC performance with 6-MHz bandwidth, 5-V/μs
slew rate, and low distortion. The input common-mode
voltage range extends to −VS, and the outputs swing railto-
rail. The TP27 can be used as plug-in replacements
for commercially available op amps to reduce power
consumption, extend the input/output range, and improve
performance.
The combination of features makes the TP27 an ideal
choice for industrial control and instrumentation.




Similar Part No. - TP27

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TP27 SIEMENS-TP27 Datasheet
1Mb / 230P
SIMATIC HMI
TP27-10 SIEMENS-TP27-10 Datasheet
1Mb / 230P
SIMATIC HMI
TP27-6 SIEMENS-TP27-6 Datasheet
1Mb / 230P
SIMATIC HMI
logo
FENGJUI TECHNOLOGY CO.,...
TP270 FENGJUI-TP270 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
TP270B FENGJUI-TP270B Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
More results


Similar Description - TP27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com