Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECTSF01 Datasheet (PDF) - Renesas Technology Corp

DA14AVDDECTSF01 Datasheet PDF - Renesas Technology Corp
Part # DA14AVDDECTSF01
Download  DA14AVDDECTSF01 Download
File Size   1445.33 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description All RF components are integrated, thus no customer tuning is required

DA14AVDDECTSF01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14AVDDECTSF01 Datasheet PDF - Renesas Technology Corp

Part # DA14AVDDECTSF01
Download  DA14AVDDECTSF01 Click to download

File Size   1445.33 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description All RF components are integrated, thus no customer tuning is required

DA14AVDDECTSF01 Datasheet (HTML) - Renesas Technology Corp


DA14AVDDECTSF01 Product details

▪ All RF components are integrated, thus no customer
tuning is required
▪ Supported bands include EU-DECT, DECT 6.0 for
North America, and Japan DECT (JDECT)
▪ On-PCB antenna, the module also supports an
optional second external antenna
▪ Integrated RF shield
▪ Low power operations
▪ Audio bandwidth from 20 Hz to 20 kHz
▪ 32-Mbit FLASH, so program memory available for
custom software
▪ Integrated audio ADC/DAC (external audio ADC/DAC
supported through GPIO mapping)
▪ Limited modular approval for EN301-406 (EU-DECT),
FCC Part 15 (DECT 6.0), and TELEC (J-DECT)
▪ Supports NiMH, alkaline, and Li-Ion batteries
▪ A Voice Data Stack or an Audio Data Stack are
available to be downloaded




Similar Part No. - DA14AVDDECTSF01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14AVDDECTSF01 DIALOG-DA14AVDDECTSF01 Datasheet
1Mb / 25P
The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
More results


Similar Description - DA14AVDDECTSF01

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
No external components required Operating temperature -70째 to 150째C
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
Low cost and no external components required.
logo
XP Power Limited
ASB110 XPPOWER-ASB110 Datasheet
607Kb / 4P
No Extra Components Required
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
logo
Texas Instruments
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com