Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809528 Datasheet (PDF) - PHOENIX CONTACT

0809528 Datasheet PDF - PHOENIX CONTACT
Part # 0809528
Download  0809528 Download
File Size   233.26 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 5,LGS:L1-N,PE - Zack marker strip

0809528 Datasheet (PDF)

Go To PDF Page Download Datasheet
0809528 Datasheet PDF - PHOENIX CONTACT

Part # 0809528
Download  0809528 Click to download

File Size   233.26 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 5,LGS:L1-N,PE - Zack marker strip

0809528 Datasheet (HTML) - PHOENIX CONTACT


0809528 Product details

Zack marker strip, Strip, white, labeled, printed horizontally: L1, L2, L3, N, PE, L1, L2, L3, N, PE,
mounting type: latching, for terminal block width: 5 mm, Number of individual labels: 10, text field
height: 5.15 mm, text field width: 5.15 mm




Similar Part No. - 0809528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0809502 PHOENIX-0809502 Datasheet
52Kb / 3P
Insert strip - ESL 62X46
09/11/2020
0809557 PHOENIX-0809557 Datasheet
177Kb / 4P
ZB 5/WH-100:UNBD. SO:MOLDED - Zack marker strip
logo
Littelfuse
08095800 LITTELFUSE-08095800 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095890 LITTELFUSE-08095890 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095900 LITTELFUSE-08095900 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
More results


Similar Description - 0809528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
0808671-0151 PHOENIX-0808671-0151 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 151-160
0808671-0161 PHOENIX-0808671-0161 Datasheet
51Kb / 2P
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 161-170
0811998 PHOENIX-0811998 Datasheet
62Kb / 3P
Zack marker strip - ZB 15,LGS:L1-N,PE
0827462 PHOENIX-0827462 Datasheet
61Kb / 2P
Zack marker strip - ZB 16,LGS:L1-N,PE
1050415 PHOENIX-1050415 Datasheet
53Kb / 2P
Zack marker strip - ZB 5,LGS:L1-N,PE
1051414 PHOENIX-1051414 Datasheet
47Kb / 2P
Zack marker strip - ZB 6,LGS:L1-N,PE
1052413 PHOENIX-1052413 Datasheet
53Kb / 2P
Zack marker strip - ZB 8,LGS:L1-N,PE
1053412 PHOENIX-1053412 Datasheet
53Kb / 2P
Zack marker strip - ZB10,LGS:L1-N,PE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com