Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0823672 Datasheet (PDF) - PHOENIX CONTACT

0823672 Datasheet PDF - PHOENIX CONTACT
Part # 0823672
Download  0823672 Download
File Size   227.08 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 12/WH-100:UNBEDRUCKT - Zack Marker strip, flat

0823672 Datasheet (PDF)

Go To PDF Page Download Datasheet
0823672 Datasheet PDF - PHOENIX CONTACT

Part # 0823672
Download  0823672 Click to download

File Size   227.08 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 12/WH-100:UNBEDRUCKT - Zack Marker strip, flat

0823672 Datasheet (HTML) - PHOENIX CONTACT


0823672 Product details

Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-
PLOTTER, mounting type: latching, for terminal block width: 12 mm, Number of individual labels:
500, text field height: 12.15 mm, text field width: 5.15 mm




Similar Part No. - 0823672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0823601 PHOENIX-0823601 Datasheet
194Kb / 6P
UC-WMT (12X4) GN - Conductor marker
0823614 PHOENIX-0823614 Datasheet
196Kb / 6P
UC-WMT (12X4) RD - Conductor marker
More results


Similar Description - 0823672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808613 PHOENIX-0808613 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 4/WH-100:UNPRINTED
0808736 PHOENIX-0808736 Datasheet
55Kb / 2P
Zack Marker strip, flat - ZBF 6/WH-100: UNPRINTED
0808781 PHOENIX-0808781 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 8:UNBEDRUCKT
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0829392 PHOENIX-0829392 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 3,5:UNBEDRUCKT
0809942 PHOENIX-0809942 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 7,5:UNBEDRUCKT
09/11/2020
0815020 PHOENIX-0815020 Datasheet
66Kb / 4P
Zack Marker strip, flat - ZBF 17:UNBEDRUCKT
09/11/2020
5060922 PHOENIX-5060922 Datasheet
66Kb / 4P
Zack marker strip - ZB 7,62/WH-100:UNBEDRUCKT
09/12/2020
5061099 PHOENIX-5061099 Datasheet
51Kb / 3P
Marker pin Zack strip - BN-ZB10/WH-100:UNBEDRUCKT
09/12/2020
0829129 PHOENIX-0829129 Datasheet
103Kb / 3P
Zack Marker strip, flat - ZBF 9:UNBEDRUCKT
01/21/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com