Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU65 Datasheet (PDF) - Astrodyne Corporation

SPU65 Datasheet PDF - Astrodyne Corporation
Part # SPU65
Download  SPU65 Download
File Size   661.95 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 65W Desktop Switching Power Supplies

SPU65 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPU65 Datasheet PDF - Astrodyne Corporation

Part # SPU65
Download  SPU65 Click to download

File Size   661.95 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 65W Desktop Switching Power Supplies

SPU65 Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - SPU65

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
50-80W Switching Power Adapters
logo
MPS Industries, Inc.
SPU65 MPSIND-SPU65 Datasheet
416Kb / 2P
SPU65 SERIES
logo
Tumbler Technologies + ...
SPU65-101 TRUMPOWER-SPU65-101 Datasheet
632Kb / 1P
50-80W Switching Power Adapters
logo
Volgen Kaga Electronics...
SPU65-101 VOLGEN-SPU65-101 Datasheet
291Kb / 2P
80W Desk Top Switching Power Supplies For I.T.E.
logo
Tumbler Technologies + ...
SPU65-102 TRUMPOWER-SPU65-102 Datasheet
632Kb / 1P
50-80W Switching Power Adapters
More results


Similar Description - SPU65

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU30 ASTRODYNE-SPU30 Datasheet
459Kb / 3P
30W Desktop Switching Power Supplies
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
60W Desktop Switching Power Supplies
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
65W Single Output Switching Power Supply
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
65W Triple Output Switching Power Supply
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
65W Dual Output Switching Power Supply
logo
List of Unclassifed Man...
DT-B85D ETC2-DT-B85D Datasheet
418Kb / 1P
Support Intel짰 Haswell 65W Desktop CPU
DT-H81DL ETC2-DT-H81DL Datasheet
423Kb / 1P
Support Intel짰 Haswell 65W Desktop CPU
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
65W Single Output Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com