Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP225 Datasheet (PDF) - Astrodyne Corporation

USP225 Datasheet PDF - Astrodyne Corporation
Part # USP225
Download  USP225 Download
File Size   237.88 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 225W Single Output with PFC Function

USP225 Datasheet (PDF)

Go To PDF Page Download Datasheet
USP225 Datasheet PDF - Astrodyne Corporation

Part # USP225
Download  USP225 Click to download

File Size   237.88 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 225W Single Output with PFC Function

USP225 Datasheet (HTML) - Astrodyne Corporation


USP225 Product details

Features:
 • Universal AC input / Full range
 • Built in active PFC circuit compliance to EN61000-3-2
 • Protections:Short circuit/Over load/Over voltage/Over temperature
 • Free air convection for 150W and forced air convection for 225W
 • High power density 4.7w/in3
 • Active AC surge current limiting
 • U-bracket low profil: 38mm
 • 3 yeare warranty




Similar Part No. - USP225

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
USP225-12 ASTRODYNE-USP225-12 Datasheet
344Kb / 4P
225W Single Output with PFC Function
USP225-15 ASTRODYNE-USP225-15 Datasheet
344Kb / 4P
225W Single Output with PFC Function
USP225-24 ASTRODYNE-USP225-24 Datasheet
344Kb / 4P
225W Single Output with PFC Function
USP225-3.3 ASTRODYNE-USP225-3.3 Datasheet
344Kb / 4P
225W Single Output with PFC Function
USP225-48 ASTRODYNE-USP225-48 Datasheet
344Kb / 4P
225W Single Output with PFC Function
More results


Similar Description - USP225

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
USP-225 TOTAL-POWER-USP-225 Datasheet
320Kb / 2P
225W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
200W Single Output with PFC Function
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
320W Single Output with PFC Function
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
500W Single Output with PFC Function
SP-750 ASTRODYNE-SP-750 Datasheet
343Kb / 3P
750W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
150W Single Output with PFC Function
USP-225 MEANWELL-USP-225 Datasheet
1Mb / 2P
225W Single Output with PFC Function
logo
RSG Electronic Componen...
USP-225 RSG-USP-225 Datasheet
186Kb / 2P
225W Single Output with PFC Function
logo
Mean Well Enterprises C...
USP-225 MEANWELL-USP-225_10 Datasheet
328Kb / 2P
225W Single Output with PFC Function
logo
Astrodyne Corporation
USP225 ASTRODYNE-USP225_16 Datasheet
344Kb / 4P
225W Single Output with PFC Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com