Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803948 Datasheet (PDF) - PHOENIX CONTACT

0803948 Datasheet PDF - PHOENIX CONTACT
Part # 0803948
Download  0803948 Download
File Size   179.71 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 7,5:UNBEDRUCKT - Zack marker strip

0803948 Datasheet (PDF)

Go To PDF Page Download Datasheet
0803948 Datasheet PDF - PHOENIX CONTACT

Part # 0803948
Download  0803948 Click to download

File Size   179.71 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZB 7,5:UNBEDRUCKT - Zack marker strip

0803948 Datasheet (HTML) - PHOENIX CONTACT


0803948 Product details

Zack marker strip, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER,
mounting type: latching, for terminal block width: 7.5 mm, Number of individual labels: 10, text
field height: 10.5 mm, text field width: 7.4 mm




Similar Part No. - 0803948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803946 PHOENIX-0803946 Datasheet
188Kb / 5P
MM-EMLF (EX12)R C1 BU/WH - Label, highly flexible
More results


Similar Description - 0803948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805001 PHOENIX-0805001 Datasheet
51Kb / 2P
Zack marker strip - ZB 4 :UNBEDRUCKT
0811862 PHOENIX-0811862 Datasheet
61Kb / 2P
Zack marker strip - ZB 22:UNBEDRUCKT
0811972 PHOENIX-0811972 Datasheet
54Kb / 2P
Zack marker strip - ZB 15:UNBEDRUCKT
0812120 PHOENIX-0812120 Datasheet
54Kb / 2P
Zack marker strip - ZB 12:UNBEDRUCKT
0829414 PHOENIX-0829414 Datasheet
62Kb / 3P
Zack marker strip - ZB 3,5:UNBEDRUCKT
1052002 PHOENIX-1052002 Datasheet
55Kb / 2P
Zack marker strip - ZB 8:UNBEDRUCKT
1052332 PHOENIX-1052332 Datasheet
54Kb / 2P
Zack marker strip - ZB 6,6:UNBEDRUCKT
1054000 PHOENIX-1054000 Datasheet
55Kb / 2P
Zack marker strip - ZB 7,62:UNBEDRUCKT
0811833 PHOENIX-0811833 Datasheet
66Kb / 4P
Zack marker strip - ZB 18:UNBEDRUCKT
09/11/2020
0829391 PHOENIX-0829391 Datasheet
112Kb / 3P
Zack marker strip - ZB 17:UNBEDRUCKT
01/21/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com