Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0824271 Datasheet (PDF) - PHOENIX CONTACT

0824271 Datasheet PDF - PHOENIX CONTACT
Part # 0824271
Download  0824271 Download
File Size   225.21 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BN-ZB 5,2/WH CUS - Marker pin Zack strip

0824271 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824271 Datasheet PDF - PHOENIX CONTACT

Part # 0824271
Download  0824271 Click to download

File Size   225.21 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description BN-ZB 5,2/WH CUS - Marker pin Zack strip

0824271 Datasheet (HTML) - PHOENIX CONTACT


0824271 Product details

Marker pin Zack strip, Strip, can be ordered: Strip, white, labeled according to customer
specifications, mounting type: plug in, for terminal block width: 5.2 mm, Number of individual
labels: 10, text field height: 4 mm, text field width: 4 mm




Similar Part No. - 0824271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824276 PHOENIX-0824276 Datasheet
225Kb / 5P
BN-ZB 6,2/WH CUS - Marker pin Zack strip
0824278 PHOENIX-0824278 Datasheet
225Kb / 5P
BN-ZB 7,5/WH CUS - Marker pin Zack strip
More results


Similar Description - 0824271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
1401815 PHOENIX-1401815 Datasheet
50Kb / 2P
Marker pin - BN-ZB 5,2/WH:UNBEDRUCKT
08.08.2012
5060854 PHOENIX-5060854 Datasheet
50Kb / 2P
Marker pin Zack strip - BN-ZB 7,5/WH-100:UNBEDRUCKT
5061109 PHOENIX-5061109 Datasheet
48Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH-100:UNBEDRUCKT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com