Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-508BRH Datasheet (PDF) - Renesas Technology Corp

HS-508BRH Datasheet PDF - Renesas Technology Corp
Part # HS-508BRH
Download  HS-508BRH Download
File Size   215.58 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8 Channel CMOS Analog Multiplexers with Overvoltage Protection

HS-508BRH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-508BRH Datasheet PDF - Renesas Technology Corp

Part # HS-508BRH
Download  HS-508BRH Click to download

File Size   215.58 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8 Channel CMOS Analog Multiplexers with Overvoltage Protection

HS-508BRH Datasheet (HTML) - Renesas Technology Corp


HS-508BRH Product details

• Electrically Screened to SMD # 5962-96742
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Gamma Dose () . . . . . . . . . . . . . . . . . . . . . 3 x 105 Rad (Si)
- Dielectrically Isolated Device Islands
- SEP >100 Mev-mg/cm2
• Analog/Digital Overvoltage Protection
• ESD Rated to 3kV
• Fail Safe with Power Loss (No Latchup)
• Break-Before-Make Switching
• (Typ) DTL/TTL and CMOS Compatible Threshold
• Analog Signal Range 15V
• Fast Access Time
• Supply Current at 1MHz Address Toggle . . . . . . . . . 4mA (Typ)
• Standby Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mW (Typ)
• Pb-Free (RoHS Compliant)




Similar Part No. - HS-508BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
January 2001
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
August 11, 2009
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
January 2001
More results


Similar Description - HS-508BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
1999 08
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
1999 08
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
1999 08
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 07
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 12
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
August 2001
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
March 13, 2006
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
January 2001
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
August 11, 2009
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com