Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110E Datasheet (PDF) - Sealevel Systems, Inc.

110E Datasheet PDF - Sealevel Systems, Inc.
Part # 110E
Download  110E Download
File Size   301.53 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter

110E Datasheet (PDF)

Go To PDF Page Download Datasheet
110E Datasheet PDF - Sealevel Systems, Inc.

Part # 110E
Download  110E Click to download

File Size   301.53 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Optically Isolated Inputs / 4 Reed Relay Digital Interface Adapter

110E Datasheet (HTML) - Sealevel Systems, Inc.


110E Product details

• 10/100BaseT Ethernet Modbus TCP interface
• 4 optically isolated inputs provide protection against surges and
ground loops
• 4 SPST Form A Reed relays are well suited to low current devices
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Ready for DIN rail mounting, removable plastic clip snaps onto 35mm
DIN rail or can be attached to walls and other surfaces with
optional screws
• Optional removable spring-clamp terminal blocks available for
I/O connections
• Input power via removable spring-clamp terminal block
• Status LEDs display power, Ethernet link and I/O activity
• Sealevel SeaMAX software supports Microsoft Windows
operating systems
• Housed in rugged, attractive plastic enclosure
• Includes 7′ CAT5 Ethernet cable (Item# CA246)




Similar Part No. - 110E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
110E0A48F204PB VISHAY-110E0A48F204PB Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
110E0A48F204PC VISHAY-110E0A48F204PC Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
110E0A48F204PD VISHAY-110E0A48F204PD Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
110E0A48F204PP VISHAY-110E0A48F204PP Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
More results


Similar Description - 110E

ManufacturerPart #DatasheetDescription
logo
Level One
LXT905 LVL1-LXT905 Datasheet
673Kb / 26P
Universal Ethernet Interface Adapter
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
Universal Ethernet Interface Adapter
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
National Instruments Co...
PXI-6529 NI-PXI-6529 Datasheet
664Kb / 5P
24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
USB-6525 NI-USB-6525 Datasheet
669Kb / 5P
Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
logo
Willow Technologies Ltd
C46FC47F WILLOW-C46FC47F Datasheet
616Kb / 2P
Optically Isolated up to 1.75A
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
logo
Advantech Co., Ltd.
ECU-P1761 ADVANTECH-ECU-P1761 Datasheet
244Kb / 1P
4-ch Isolated Digital Input, 4-ch Isolated - ed Relay Output with IRIG-B Board
14-Apr-2022
logo
Black Box Registered Tr...
ED-516 BLACKBOX-ED-516 Datasheet
1Mb / 6P
ED-516 ETHERNET TO Digital IO 16 Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com