Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4066BCN Datasheet (PDF) - SYC Electronica

CD4066BCN Datasheet PDF - SYC Electronica
Part # CD4066BCN
Download  CD4066BCN Download
File Size   145.28 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Bilateral Switch

CD4066BCN Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4066BCN Datasheet PDF - SYC Electronica

Part # CD4066BCN
Download  CD4066BCN Click to download

File Size   145.28 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad Bilateral Switch

CD4066BCN Datasheet (HTML) - SYC Electronica


CD4066BCN Product details

General Description
The CD4066BC is a quad bilateral switch intended for the
transmission or multiplexing of analog or digital signals. It is
pin-for-pin compatible with CD4016BC, but has a much
lower “ON” resistance, and “ON” resistance is relatively
constant over the input-signal range.

Features
 Wide supply voltage range 3V to 15V
 High noise immunity 0.45 VDD (typ.)
 Wide range of digital and ±7.5 VPEAK
analog switching
 “ON” resistance for 15V operation 80Ω
 Matched “ON” resistance ΔRON = 5Ω (typ.)
over 15V signal input
 “ON” resistance flat over peak-to-peak signal range
 High “ON”/“OFF” 65 dB (typ.)
output voltage ratio @ fis = 10 kHz, RL = 10 kΩ
 Control Line Biasing:
Switch On (Logic 1), VC = VDD
Switch Off (Logic 0), VC = VSS




Similar Part No. - CD4066BCN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
111Kb / 9P
Quad Bilateral Switch
CD4066BCN FAIRCHILD-CD4066BCN Datasheet
114Kb / 9P
Quad Bilateral Switch
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
Wide supply voltage range 3V to 15V
More results


Similar Description - CD4066BCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com