Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSS-3101M Datasheet (PDF) - Europa PLC

ECSS-3101M Datasheet PDF - Europa PLC
Part # ECSS-3101M
Download  ECSS-3101M Download
File Size   506.6 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP67 Enclosed Prewired 3 Phase TT/TN Type 1/2 SPD inc.160A Fuses

ECSS-3101M Datasheet (PDF)

Go To PDF Page Download Datasheet
ECSS-3101M Datasheet PDF - Europa PLC

Part # ECSS-3101M
Download  ECSS-3101M Click to download

File Size   506.6 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description IP67 Enclosed Prewired 3 Phase TT/TN Type 1/2 SPD inc.160A Fuses

ECSS-3101M Datasheet (HTML) - Europa PLC


ECSS-3101M Product details

Features & Benefits
• IP67 ABS Enclosure
• NH Fuse Disconnector allows for safe isolation for SPD Replacement
• Translucent lid shows fuse & SPD status (no requirment to open door/lid)
• Retrofit unit, no need to change existing boards
• For protecting installations and equipment rated above 160A




Similar Part No. - ECSS-3101M

ManufacturerPart #DatasheetDescription
logo
Europa PLC
ECSS-3101D EUROPA-ECSS-3101D Datasheet
567Kb / 2P
IP67 Enclosed Prewired 3 Phase TT/TN Type 1/2 SPD inc.160A Fuses
More results


Similar Description - ECSS-3101M

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
Schneider Electric
SDSB80111 SCHNEIDER-SDSB80111 Datasheet
76Kb / 2P
SPD - SDSB Type 1 - 120/240V - 1PH - 3 Wire - 80kA
Apr 8, 2020
SSP01XDSE10A1 SCHNEIDER-SSP01XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 100kA
Apr 16, 2020
SSP01XDSE15A SCHNEIDER-SSP01XDSE15A Datasheet
136Kb / 2P
SPD - XDSE Type 2 - 120/240V - 1PH - 3 Wire - 150kA
Apr 16, 2020
SSP01XDSE20A1 SCHNEIDER-SSP01XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 200kA
Apr 16, 2020
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
SSP05XDSE20A1 SCHNEIDER-SSP05XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE15A1 SCHNEIDER-SSP06XDSE15A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE20A1 SCHNEIDER-SSP06XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 200kA
SSP09XDSE10A1 SCHNEIDER-SSP09XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 600V Delta - 3PH - 3 Wire - 100kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com