Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-1009RH Datasheet (PDF) - Renesas Technology Corp

IS-1009RH Datasheet PDF - Renesas Technology Corp
Part # IS-1009RH
Download  IS-1009RH Download
File Size   215.98 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 2.5V Reference

IS-1009RH Datasheet (PDF)

Go To PDF Page Download Datasheet
IS-1009RH Datasheet PDF - Renesas Technology Corp

Part # IS-1009RH
Download  IS-1009RH Click to download

File Size   215.98 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 2.5V Reference

IS-1009RH Datasheet (HTML) - Renesas Technology Corp


IS-1009RH Product details

Features
• Electrically screened to SMD #5962-00523
• QML qualified per MIL-PRF-38535 requirements
• EH version acceptance tested to 50krad(Si) (LDR)
• Radiation environment - IS-1009EH
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300 krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . 50krad(Si)
• Radiation environment - IS-1009RH
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300 krad(Si)
• Latch-up immune. . . . . . . . . . . . . . . . . . dielectrically isolated
• Reverse breakdown voltage (VZ) . . . . . . . . . . . . . . . . . . . . 2.5V
• Change in VZ vs current (400μA to 10mA). . . . . . . . . . . .6mV
• Change in VZ vs temperature (-55°C to +125°C) . . . . .15mV
• Maximum reverse breakdown current . . . . . . . . . . . . . 20mA
• Device is tested with 10μF shunt capacitance connected
from V+ to V-, which provides optimum stability
• Interchangeable with 1009 and 136 industry types




Similar Part No. - IS-1009RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1009RH INTERSIL-IS-1009RH Datasheet
79Kb / 2P
Radiation Hardened 2.5V Reference
September 13, 2005
IS-1009RH INTERSIL-IS-1009RH Datasheet
92Kb / 2P
Radiation Hardened 2.5V Reference
January 27, 2006
IS-1009RH INTERSIL-IS-1009RH_06 Datasheet
92Kb / 2P
Radiation Hardened 2.5V Reference
January 27, 2006
More results


Similar Description - IS-1009RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1009RH INTERSIL-IS-1009RH Datasheet
79Kb / 2P
Radiation Hardened 2.5V Reference
September 13, 2005
IS-1009RH INTERSIL-IS-1009RH_06 Datasheet
92Kb / 2P
Radiation Hardened 2.5V Reference
January 27, 2006
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
RADIATION HARDENED
logo
Intersil Corporation
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 6, 2013
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 26, 2013
IS2-1009EH-Q INTERSIL-IS2-1009EH-Q Datasheet
128Kb / 3P
Radiation Hardened 2.5V Reference
September 12, 2013
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
logo
Intersil Corporation
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com