Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG13D Datasheet (PDF) - BeRex Corporation

BG13D Datasheet PDF - BeRex Corporation
Part # BG13D
Download  BG13D Download
File Size   1410.58 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-6000 MHz Cascadable InGaP HBT Gain Block

BG13D Datasheet (PDF)

Go To PDF Page Download Datasheet
BG13D Datasheet PDF - BeRex Corporation

Part # BG13D
Download  BG13D Click to download

File Size   1410.58 Kbytes
Page   10 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-6000 MHz Cascadable InGaP HBT Gain Block

BG13D Datasheet (HTML) - BeRex Corporation


BG13D Product details

Device Features
• OIP3 = 32.0 dBm @ 1900 MHz
• Gain = 21.5 dB @ 1900 MHz
• Output P1 dB = 19.0dBm @ 1900 MHz
• 50 Ω Cascadable
• Patented temperature compensation
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BG13D is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and uses a patented temperature compensation circuit to provide stable current over the operating temperature range without the need for external components. The BG13D is designed for high linearity gain block applications that require excellent high gain amplification . It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BG13D

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG13D BEREX-BG13D Datasheet
678Kb / 10P
5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Similar Description - BG13D

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
logo
BeRex Corporation
BG13B BEREX-BG13B_15 Datasheet
1,021Kb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_15 Datasheet
1Mb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_15 Datasheet
1Mb / 9P
5-6000 MHz Cascadable InGaP HBT Gain Block
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com