Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL022A Datasheet (PDF) - BeRex Corporation

BL022A Datasheet PDF - BeRex Corporation
Part # BL022A
Download  BL022A Download
File Size   975.95 Kbytes
Page   18 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-6000 MHz Wideband LNA Gain Block

BL022A Datasheet (PDF)

Go To PDF Page Download Datasheet
BL022A Datasheet PDF - BeRex Corporation

Part # BL022A
Download  BL022A Click to download

File Size   975.95 Kbytes
Page   18 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-6000 MHz Wideband LNA Gain Block

BL022A Datasheet (HTML) - BeRex Corporation


BL022A Product details

Device Features
• Low Noise Figure: NF = 1.1 @ 1900MHz
• High Linearity: OIP3 = 35.5 dBm @ 1900 MHz
• Output P1 dB = 22 dBm @ 1900 MHz
• Gain = 19 dB @ 1900 MHz
• Internally matched to 50 ohms
• 5V/70mA, MTTF > 100 Years, MSL 1, Class 1A
• RoHS2-compliant SOT-89 SMT package

Product Description
The BL022A is a high performance, wideband, LNA GaAs E-pHEMT gain block that is ideal for applications demanding low noise and high linearity in a wideband of 50-6000 MHz. The BL022A is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant, SOT-89 SMT package and has a Class 1A ESD rating (HBM) These devices are 100% DC and RF tested to assure quality and performance.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial




Similar Part No. - BL022A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL022A BEREX-BL022A Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
More results


Similar Description - BL022A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 AVAGO-AVT-55689 Datasheet
500Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
1-6000 MHz RF Gain Block
logo
BeRex Corporation
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
logo
Broadcom Corporation.
AVT-54689 BOARDCOM-AVT-54689 Datasheet
592Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
AVT-55689 BOARDCOM-AVT-55689 Datasheet
511Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
logo
BeRex Corporation
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com