Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL083 Datasheet (PDF) - BeRex Corporation

BL083 Datasheet PDF - BeRex Corporation
Part # BL083
Download  BL083 Download
File Size   820.22 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-4000 MHz Wideband Low Nosie Amplifier

BL083 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL083 Datasheet PDF - BeRex Corporation

Part # BL083
Download  BL083 Click to download

File Size   820.22 Kbytes
Page   16 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-4000 MHz Wideband Low Nosie Amplifier

BL083 Datasheet (HTML) - BeRex Corporation


BL083 Product details

Device Features
• This can be operated at Vd of 3.0V
• N.F = 0.78 dB @ 1850MHz at Demo board
• 31.5 dBm Output IP3 at 0dBm/tone at 1850MHz
• 15.6 dB Gain at 1850MHz
• 17.7 dBm P1dB at 1850 MHz
• Green/RoHS2 Compliant SOT-363 SMT Package

Product Description
BeRex’s BL083 is a high performance LNA, based on GaAs material with E-pHEMT process and packaged in a RoHS2-compliant with SOT-363 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 with low current at wideband frequency. It requires a few external matching components. All devices are 100% RF/DC tested and classified as HBM ESD Class 1B.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• LTE / WCDMA /CDMA Wireless Infrastructure




Similar Part No. - BL083

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL081 BEREX-BL081 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
More results


Similar Description - BL083

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
727Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
BL081 BEREX-BL081_15 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082_18 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com