Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLB01 Datasheet (PDF) - BeRex Corporation

BLB01 Datasheet PDF - BeRex Corporation
Part # BLB01
Download  BLB01 Download
File Size   1151.82 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 500 – 1500 MHz High Linearity LNA

BLB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLB01 Datasheet PDF - BeRex Corporation

Part # BLB01
Download  BLB01 Click to download

File Size   1151.82 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 500 – 1500 MHz High Linearity LNA

BLB01 Datasheet (HTML) - BeRex Corporation


BLB01 Product details

Device Features
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 37.5 dBm Output IP3 at 0dBm/tone at 700MHz
• 22.5dB Gain at 700MHz
• 21.1dBm P1dB at 700 MHz
• 0.43 dB NF at 700MHz on evaluation board
• Green/RoHS2 Compliant DFN8 2x2 Package

Product Description
BeRex’s BLB01 is a high linearity LNA, based on GaAs material with E-pHEMT process and packaged in a RoHS2-compliant DFN 8L 2x2mm2 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 at Frequency range of 0.5~1.5GHz. It is internally matched to 50 Ohms without external matching components, with fast enable switching speed for TD-LTE application. All devices are 100% RF/DC tested and classified as HBM ESD Class 1C.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems




Similar Part No. - BLB01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
More results


Similar Description - BLB01

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com