Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNT01 Datasheet (PDF) - BeRex Corporation

BNT01 Datasheet PDF - BeRex Corporation
Part # BNT01
Download  BNT01 Download
File Size   1120.2 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 -3000 MHz Wideband High Linearity LNA Gain Block

BNT01 Datasheet (PDF)

Go To PDF Page Download Datasheet
BNT01 Datasheet PDF - BeRex Corporation

Part # BNT01
Download  BNT01 Click to download

File Size   1120.2 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 -3000 MHz Wideband High Linearity LNA Gain Block

BNT01 Datasheet (HTML) - BeRex Corporation


BNT01 Product details

Device Features
• Internally matched to 50 ohms
• This can be operated at Vd of 3.3V and 4.4V
• 37.0 dBm Output IP3 at 5dBm/tone at 1900MHz
• 15.5 dB Gain at 1900 MHz
• 22.0 dBm P1dB at 1900 MHz
• 1.6 dB NF at 1.9GHz
• Green/RoHS2 Compliant SOT89 SMT Package

Product Description
BeRex’s BNT01 is a wideband high linearity LNA gain block, based on GaAs material with E-pHEMT process and packaged in a RoHS2-compliant with SOT-89 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 at wideband frequency. It is internally matched to 50 Ohms without the need for external matching components. All devices are 100% RF/DC tested and classified as HBM ESD Class 1A.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BNT01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
More results


Similar Description - BNT01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
High-Linearity LNA Gain Block
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com