Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF363 Datasheet (PDF) - VITROHM

CSF363 Datasheet PDF - VITROHM
Part # CSF363
Download  CSF363 Download
File Size   601.22 Kbytes
Page   3 Pages
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM
Description Metal Band Power Resistors

CSF363 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSF363 Datasheet PDF - VITROHM

Part # CSF363
Download  CSF363 Click to download

File Size   601.22 Kbytes
Page   3 Pages
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM
Description Metal Band Power Resistors

CSF363 Datasheet (HTML) - VITROHM


CSF363 Product details

4 - Terminals Connection
All Welded Construction, and pulse applications
Solid Metal Construction
Low thermal EMF (<3μV/ºC)
Excellent frequency response to 50 MHz
AEC – Q200 Qualification under process
RoHS & REACH Compliant




Similar Part No. - CSF363

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF30100CT-A CITC-CSF30100CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30150CT-A CITC-CSF30150CT-A Datasheet
480Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF30200CT-A CITC-CSF30200CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF3045CT-A CITC-CSF3045CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF3060CT-A CITC-CSF3060CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Similar Description - CSF363

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
Power Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
442639 VISHAY-442639 Datasheet
125Kb / 3P
Power Metal Strip Resistors
01-Jul-09
442550 VISHAY-442550 Datasheet
125Kb / 3P
Power Metal Strip Resistors
12-Aug-09
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com