Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7MH367FK Datasheet (PDF) - Toshiba Semiconductor

TC7MH367FK Datasheet PDF - Toshiba Semiconductor
Part # TC7MH367FK
Download  TC7MH367FK Download
File Size   193.39 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX Bus Buffer

TC7MH367FK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MH367FK Datasheet PDF - Toshiba Semiconductor

Part # TC7MH367FK
Download  TC7MH367FK Click to download

File Size   193.39 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX Bus Buffer

TC7MH367FK Datasheet (HTML) - Toshiba Semiconductor


TC7MH367FK Product details

Features
■ High speed: tpd = 3.8 ns (typ.) (VCC = 5 V)
■ Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
■ High noise immunity: VNIH = VNIL = 28% VCC (min)
■ Power down protection is provided on all inputs.
■ Balanced propagation delays: tpLH ≈ tpHL
■ Wide operating voltage range: VCC (opr) = 2~5.5 V
■ Low noise: VOLP = 0.8 V (max)




Similar Part No. - TC7MH367FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
More results


Similar Description - TC7MH367FK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
HEX BUS BUFFER
17-May-2001
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
HEX BUS BUFFER
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
Hex Bus Buffer
01-Oct-2007
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
Hex Bus Buffer
29-Feb-2012
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
HEX BUS BUFFER
1997-01-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com