Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0852172 Datasheet (PDF) - PHOENIX CONTACT

0852172 Datasheet PDF - PHOENIX CONTACT
Part # 0852172
Download  0852172 Download
File Size   228.48 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TML (EX9,5)R P6 TR CUS - Marker strip

0852172 Datasheet (PDF)

Go To PDF Page Download Datasheet
0852172 Datasheet PDF - PHOENIX CONTACT

Part # 0852172
Download  0852172 Click to download

File Size   228.48 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TML (EX9,5)R P6 TR CUS - Marker strip

0852172 Datasheet (HTML) - PHOENIX CONTACT


0852172 Product details

Marker strip, Roll, can be ordered: by line, transparent, labeled according to customer
specifications, can be labeled with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.
0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600,
THERMOMARK X1.2, mounting type: adhesive, for terminal block width: 6 mm, Number of
individual labels: 1, text field height: 9.5 mm, text field width: 40000 mm




Similar Part No. - 0852172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0852170 PHOENIX-0852170 Datasheet
228Kb / 5P
TML (EX9,5)R P5 TR CUS - Marker strip
0852171 PHOENIX-0852171 Datasheet
228Kb / 5P
TML (EX9,5)R P5,8 TR CUS - Marker strip
0852173 PHOENIX-0852173 Datasheet
228Kb / 5P
TML (EX9,5)R P6,6 TR CUS - Marker strip
0852174 PHOENIX-0852174 Datasheet
228Kb / 5P
TML (EX9,5)R P7,5 TR CUS - Marker strip
0852175 PHOENIX-0852175 Datasheet
228Kb / 5P
TML (EX9,5)R P7,62 TR CUS - Marker strip
More results


Similar Description - 0852172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801832 PHOENIX-0801832 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X2,8)R
0801833 PHOENIX-0801833 Datasheet
45Kb / 2P
Marking foil for zack marker strip - TML (104X3,8)R
0801834 PHOENIX-0801834 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X5)R
0801835 PHOENIX-0801835 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X10)R
0801836 PHOENIX-0801836 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX2,8)R
0801837 PHOENIX-0801837 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX3,8)R
0801838 PHOENIX-0801838 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX5)R
0801839 PHOENIX-0801839 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX10)R
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824997 PHOENIX-0824997 Datasheet
57Kb / 3P
Zack marker strip - ZB 7,62 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com